Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AUIPS7142G Datasheet(PDF) 1 Page - International Rectifier

Part # AUIPS7142G
Description  DUAL CHANNELS CURRENT SENSE HIGH SIDE SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS7142G Datasheet(HTML) 1 Page - International Rectifier

  AUIPS7142G Datasheet HTML 1Page - International Rectifier AUIPS7142G Datasheet HTML 2Page - International Rectifier AUIPS7142G Datasheet HTML 3Page - International Rectifier AUIPS7142G Datasheet HTML 4Page - International Rectifier AUIPS7142G Datasheet HTML 5Page - International Rectifier AUIPS7142G Datasheet HTML 6Page - International Rectifier AUIPS7142G Datasheet HTML 7Page - International Rectifier AUIPS7142G Datasheet HTML 8Page - International Rectifier AUIPS7142G Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
March, 24
th 2011
Automotive grade
AUIPS7142G
DUAL CHANNELS CURRENT SENSE HIGH SIDE SWITCH
Features
www.irf.com
1
24V battery system
Over current shutdown
Over temperature shutdown
Current sensing
Active clamp
Low quiescent current
ESD protection
Optimized Turn On/Off for EMI
Lead free and RoHS compliant
Applications
21W Filament lamp
Solenoid
24V truck loads
Description
The AUIPS7142G is a fully protected dual high side switch
specifically designed for driving lamp. It features current
sensing, over-current, over-temperature, ESD protection
and drain to source active clamp. The Ifb pin is used for
current sensing. The over-current shutdown is higher than
inrush current of the lamp.
Product Summary
Rds(on)
100mmax.
Vclamp
65V
Current shutdown
20A min.
Package
SOIC16L-Wide Body
Typical Connection
Out
IPS
IN
2.5k
Vcc
Load
Battery
Input
Power
Ground
Ifb
Logic
Ground
Current feeback
10k
On
Off


Similar Part No. - AUIPS7142G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIPS7142G INFINEON-AUIPS7142G Datasheet
154Kb / 17P
AUIPS7142G
March, 24th 2011 Revision A6
More results

Similar Description - AUIPS7142G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS7121R IRF-AUIPS7121R Datasheet
355Kb / 13P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS7141R IRF-AUIPS7141R Datasheet
345Kb / 13P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS7125R IRF-AUIPS7125R Datasheet
297Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS6121R IRF-AUIPS6121R_15 Datasheet
749Kb / 15P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS7111S IRF-AUIPS7111S_15 Datasheet
196Kb / 15P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS7125 IRF-AUIPS7125_15 Datasheet
297Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS7145R IRF-AUIPS7145R_15 Datasheet
628Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7141R INFINEON-AUIPS7141R Datasheet
345Kb / 13P
CURRENT SENSE HIGH SIDE SWITCH
August, 27th 2009
AUIPS71451G INFINEON-AUIPS71451G Datasheet
604Kb / 15P
CURRENT SENSE HIGH SIDE SWITCH
November, 14th 2011
AUIPS7145R INFINEON-AUIPS7145R Datasheet
628Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
10/02/2012 Revision C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com