Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CTC5F Datasheet(PDF) 1 Page - Central Technologies

Part # CTC5F
Description  Conformal Coated Inductors - Axial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTC5F Datasheet(HTML) 1 Page - Central Technologies

  CTC5F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Conformal Coated Inductors - Axial
ctparts.com
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2009 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
09.14.09
Size
A
B
C
22 AWG
Max.
Max.
Nom.
Nom.
mm
9.52
4.44
29.2
0.6430
inches
0.375
0.175
1.15
0.02535
PHYSICAL DIMENSIONS
SPECIFICATIONS
Parts are available in ±10% tolerance only.
L Test
Q
Q Test
SRF
DCR
Rated DC
Part
Inductance
Freq.
Factor
Freq.
Min.
Max.
Max.
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
CTC5F-1R0K
1.0
7.9
47
7.9
140
0.07
1900
CTC5F-1R2K
1.2
7.9
46
7.9
130
0.093
1600
CTC5F-1R5K
1.5
7.9
45
7.9
115
0.12
1300
CTC5F-1R8K
1.8
7.9
43
7.9
105
0.14
1200
CTC5F-2R2K
2.2
7.9
45
7.9
100
0.19
1100
CTC5F-2R7K
2.7
7.9
46
7.9
92
0.28
950
CTC5F-3R3K
3.3
7.9
44
7.9
85
0.35
800
CTC5F-3R9K
3.9
7.9
44
7.9
75
0.4
750
CTC5F-4R7K
4.7
7.9
44
7.9
70
0.55
650
CTC5F-5R6K
5.6
7.9
47
7.9
65
0.72
550
CTC5F-6R8K
6.8
7.9
50
7.9
55
1.02
500
CTC5F-8R2K
8.2
7.9
50
7.9
50
1.32
475
CTC5F-100K
10
7.9
49
7.9
46
1.62
450
CTC5F-120K
12
2.5
55
2.5
44
2.0
400
CTC5F-150K
15
2.5
44
2.5
49
0.8
620
CTC5F-180K
18
2.5
45
2.5
45
0.89
610
CTC5F-220K
22
2.5
46
2.5
40
0.96
600
CTC5F-270K
27
2.5
49
2.5
38
1.19
500
CTC5F-330K
33
2.5
45
2.5
34
1.37
490
CTC5F-390K
39
2.5
53
2.5
29
1.93
410
CTC5F-470K
47
2.5
52
2.5
27
2.11
400
CTC5F-560K
56
2.5
49
2.5
25
2.23
380
CTC5F-680K
68
2.5
51
2.5
21
2.7
370
CTC5F-820K
82
2.5
45
2.5
10.5
2.44
360
CTC5F-101K
100
2.5
45
2.5
10
3.12
325
CTC5F-121K
120
.79
57
.79
9.7
3.6
290
CTC5F-151K
150
.79
56
.79
8.5
4.1
275
CTC5F-181K
180
.79
60
.79
8.0
4.4
260
CTC5F-221K
220
.79
58
.79
7.5
5.0
250
CTC5F-271K
270
.79
60
.79
7.0
5.8
240
CTC5F-331K
330
.79
54
.79
6.5
6.4
225
CTC5F-391K
390
.79
67
.79
6.2
7.4
200
CTC5F-471K
470
.79
60
.79
5.7
9.5
180
CTC5F-561K
560
.79
60
.79
4.7
10.5
174
CTC5F-681K
680
.79
60
.79
4.5
11.8
168
CTC5F-821K
820
.79
57
.79
4.2
13.0
152
CTC5F-102K
1000
.79
65
.79
3.8
17.5
135
CTC5F-122K
1200
.25
45
.25
1.5
22.1
115
CTC5F-152K
1500
.25
49
.25
1.2
26.5
110
CTC5F-182K
1800
.25
47
.25
1.0
29.9
105
CTC5F-222K
2200
.25
50
.25
0.97
33.8
99
CTC5F-272K
2700
.25
47
.25
0.92
47.3
83
CTC5F-332K
3300
.25
43
.25
0.84
53.0
80
CTC5F-392K
3900
.25
43
.25
0.80
73.8
67
CTC5F-472K
4700
.25
44
.25
0.74
81.6
63
CTC5F-562K
5600
.25
45
.25
0.73
98.9
56
CTC5F-682K
6800
.25
43
.25
0.66
111
54
CTC5F-822K
8200
.25
42
.25
0.54
119
52
CTC5F-103K
10000
.25
49
.25
0.47
137
49
CTC5F Series
From 1.0 µH to 10,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: Axial leaded conformal coated inductor
Applications: Used in less harsh environments. Ideal for less
critical RFL/EMI applications.
Operating Temperature: -55°C to +125°C
Inductance Tolerance: ±10%
Rated Current: Based on the inductance change within 10% of
initial value
Testing: Inductance and Q are tested on an HP4285A at
specified frequency
Packaging: Bulk pack or Tape & Reel, 5,000 parts per reel
Marking: Parts are EIA color banded which indicates inductance
code and tolerance
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
RoHS
Compliant


Similar Part No. - CTC5F

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
logo
ITT Industries
CTC ITT-CTC Datasheet
56Kb / 2P
Brand: Cannon Product Category: Trident Product Line: Trident
CTC 16 WAY PLUG BLACK ITT-CTC 16 WAY PLUG BLACK Datasheet
56Kb / 2P
Brand: Cannon Product Category: Trident Product Line: Trident
logo
Infinite Electronics In...
CTC-1 L-COM-CTC-1 Datasheet
66Kb / 1P
CA TWIN BNC M/M 78 OHM
09/24/01
CTC-1 L-COM-CTC-1 Datasheet
66Kb / 1P
CA TWIN BNC M/M 78 OHM
09/24/01
More results

Similar Description - CTC5F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF-46 VISHAY-IRF-46_06 Datasheet
70Kb / 2P
Inductors Epoxy Conformal Coated, Axial Leaded
10-Aug-06
logo
Central Technologies
CTC0F CT-CTC0F Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC1F CT-CTC1F Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC2F CT-CTC2F Datasheet
157Kb / 1P
Conformal Coated Inductors - Axial
CTC3F CT-CTC3F Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC4F CT-CTC4F Datasheet
157Kb / 1P
Conformal Coated Inductors - Axial
logo
Vishay Siliconix
IRF-24 VISHAY-IRF-24_17 Datasheet
71Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
04-Mar-14
IRF-36 VISHAY-IRF-36_17 Datasheet
72Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
25-May-16
IRF-36 VISHAY-IRF-36_V01 Datasheet
55Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
25-May-16
IRF-46 VISHAY-IRF-46_V01 Datasheet
53Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
16-Mar-17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com