Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PEX8780 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # PEX8780
Description  PCI Express Gen3 Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

PEX8780 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  PEX8780 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED PEX8780 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED PEX8780 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED PEX8780 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED PEX8780 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PEX8780, PCI Express Gen3 Switch, 80 Lanes, 20 Ports
© PLX Technology, www.plxtech.com
Page 2 of 5
24July12; v1.2
The PEX8780 also
provides several ways to
configure its registers. The
device can be configured
through strapping pins,
I
2C interface, host
software, or an optional
serial EEPROM. This
allows for easy debug
during the development
phase, performance
monitoring during the
operation phase, and driver or software upgrade.
Dual-Host & Failover Support
In Single-Host mode, the PEX8780 supports a Non-
Transparent (NT) Port, which enables the
implementation of dual-host systems for redundancy
and host failover capability. The NT port allows systems
to isolate host memory domains by presenting the
processor subsystem as an endpoint rather than another
memory system. Base address registers are used to
translate addresses; doorbell registers are used to send
interrupts between the address domains; and scratchpad
registers (accessible by both CPUs) allow inter-
processor communication (see Figure 3).
Multi-Host & Failover Support
In Multi-Host mode, PEX8780
can be configured with up to
four upstream host ports, each
with its own dedicated
downstream ports. The device
can be configured for 1+1
redundancy or N+1 redundancy.
The PEX8780 allows the hosts
to communicate their status to
each other via special door-bell
registers. In failover mode, if a host fails, the host
designated for failover will disable the upstream port
attached to the failing host and program the downstream
ports of that host to its own domain. Figure 4a shows a
two host system in Multi-Host mode with two virtual
switches inside the device and Figure 4b shows Host 1
disabled after failure and Host 2 having taken over all of
Host 1’s end-points.
Hot-Plug for High Availability
Hot-Plug capability allows users to replace hardware
modules and perform maintenance without powering
down the system. The PEX8780 Hot-Plug capability
feature makes it suitable for High Availability (HA)
applications. One downstream port includes a Standard
Hot-Plug Controller. If the PEX8780 is used in an
application where one or more of its downstream ports
connect to PCI Express slots, each port’s Hot-Plug
Controller can be used to manage the Hot-Plug event of
its associated slot. Every port on the PEX8780 is
equipped with a Hot-Plug control/status register to
support Hot-Plug capability through external logic via
the I
2C interface.
SerDes Power and Signal Management
The PEX8780 supports software control of the SerDes
outputs to allow optimization of power and signal
strength in a system. The PLX SerDes implementation
supports four levels of power – off, low, typical, and
high. The SerDes block also supports loop-back modes
and advanced reporting of error conditions, which
enables efficient management of the entire system.
Interoperability
The PEX8780 is designed to be fully compliant with the
PCI Express Base Specification r3.0, and is backwards
compatible to PCI Express Base Specification r1.1 and
r1.0a. Additionally, it supports auto-negotiation, lane
reversal, and polarity reversal. Furthermore, the
PEX8780 is tested for Microsoft Windows Logo
compliance. All PLX switches undergo thorough
interoperability testing in PLX’s Interoperability Lab
and compliance testing at the PCI-SIG plug-fest.
performancePAK
TM
Exclusive to PLX, performancePAK is a suite of unique
and innovative performance features which allows
PLX’s Gen 3 switches to be the highest performing Gen
3 switches in the market today. The performancePAK
features consists of Multicast, and Dynamic Buffer Pool.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com