Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX198ACWI Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX198ACWI
Description  Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX198ACWI Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX198ACWI Datasheet HTML 8Page - Maxim Integrated Products MAX198ACWI Datasheet HTML 9Page - Maxim Integrated Products MAX198ACWI Datasheet HTML 10Page - Maxim Integrated Products MAX198ACWI Datasheet HTML 11Page - Maxim Integrated Products MAX198ACWI Datasheet HTML 12Page - Maxim Integrated Products MAX198ACWI Datasheet HTML 13Page - Maxim Integrated Products MAX198ACWI Datasheet HTML 14Page - Maxim Integrated Products MAX198ACWI Datasheet HTML 15Page - Maxim Integrated Products MAX198ACWI Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
__________Applications Information
Power-On Reset
At power-up, the internal power-on reset circuitry sets
INT high and puts the device in normal operation/exter-
nal clock mode. This state is selected to keep the inter-
nal clock from loading the external clock driver when
the part is used in external clock mode.
Internal or External Reference
The MAX196/MAX198 can operate with either an inter-
nal or external reference. An external reference can be
connected to either the REF pin or the REFADJ pin
(Figure 9).
To use the REF input directly, disable the internal buffer
by tying REFADJ to VDD. Using the REFADJ input elimi-
nates the need to buffer the reference externally. When
the reference is applied at REFADJ, bypass REFADJ with
a 0.01µF capacitor to AGND.
The REFADJ internal buffer gain is trimmed to 1.6384 to
provide 4.096V at the REF pin from a 2.5V reference.
Internal Reference
The internally trimmed 2.50V reference is gained
through the REFADJ buffer to provide 4.096V at REF.
Bypass the REF pin with a 4.7µF capacitor to AGND
and the REFADJ pin with a 0.01µF capacitor to AGND.
The internal reference voltage is adjustable to ±1.5%
(±65 LSBs) with the reference-adjust circuit of Figure 1.
External Reference
At REF and REFADJ, the input impedance is a mini-
mum of 10k
Ω for DC currents. During conversions, an
external reference at REF must be able to deliver
400µA DC load currents, and must have an output
impedance of 10
Ω or less. If the reference has higher
output impedance or is noisy, bypass it close to the
REF pin with a 4.7µF capacitor to AGND.
With an external reference voltage of less than 4.096V
at the REF pin or less than 2.5V at the REFADJ pin, the
increase in the ratio of the RMS noise to the LSB value
(FS / 4096) results in performance degradation (loss of
effective bits).
Power-Down Mode
To save power, you can put the converter into low-
current shutdown mode between conversions. Two
programmable power-down modes are available:
STBYPD and FULLPD. Select STBYPD or FULLPD by
programming PD0 and PD1 in the input control byte.
When power-down is asserted, it becomes effective
only after the end of conversion. In all power-down
modes, the interface remains active and conversion
Multirange, Single +5V, 12-Bit DAS
with 12-Bit Bus Interface
______________________________________________________________________________________
13
REF
10k
2.5V
26
4.096V
4.7
µF
CREF
0.01
µF
25
REFADJ
AV = 1.638
MAX196
MAX198
Figure 9a. Internal Reference
REF
10k
2.5V
26
4.7
µF
CREF
2.5V
25
REFADJ
AV = 1.638
0.01
µF
MAX196
MAX198
4.096V
Figure 9c. The external reference overdrives the internal refer-
ence.
REF
VDD
10k
2.5V
26
4.096V
4.7
µF
CREF
25
REFADJ
AV = 1.638
MAX196
MAX198
Figure 9b. External Reference, Reference at REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com