Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N6029 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2N6029
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2N6029 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2N6029_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N6029_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N6029_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Specification
www.jmnic.com
JMnic
Silicon PNP Power Transistors
2N6029 2N6030
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N6029
100
VCEO(sus)
Collector-emitter
sustaining voltage
2N6030
IC=0.2A ;IB=0
120
V
VCEsat-1
Collector-emitter saturation voltage
IC=10A; IB=1A
1.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=16A ;IB=4A
2.0
V
VBEsat
Collector-emitter saturation voltage
IC=10A; IB=1A
1.8
V
VBE
Base-emitter on voltage
IC=8A ; VCE=2V
1.5
V
ICBO
Collector cut-off current
VCB=ratedVCBO; IE=0
1.0
mA
2N6029
VCE=50V; IB=0
ICEO
Collector cut-off current
2N6030
VCE=60V; IB=0
1.0
mA
VCE=ratedVCB
1.0
ICEV
Collector cut-off current
(VBE(off)=1.5V)
VCE=ratedVCB; TC=150℃
5.0
mA
IEBO
Emitter cut-off current
VEB=7V; IC=0
1.0
mA
2N6029
25
100
hFE-1
DC current gain
2N6030
IC=8A ; VCE=2V
20
80
hFE-2
DC current gain
IC=16A ; VCE=2V
4
COB
Output capacitance
IE=0 ; VCB=10V ;f=0.1MHz
1000
pF
fT
Transition frequency
IC=1A ; VCE=20V
1.0
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com