Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CTCDRH4D18F Datasheet(PDF) 1 Page - Central Technologies

Part # CTCDRH4D18F
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCDRH4D18F Datasheet(HTML) 1 Page - Central Technologies

  CTCDRH4D18F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 10.09.07
Power Inductors - Shielded
www.ctparts.com
CTCDRH4D18F
Series
From 1.0 µH to 180 µH
SPECIFICATIONS
Parts are available in ±30% tolerance only.
Inductance
L Test
DCR
Rated DC
Part
@ 0.25Vrms,0Adc
Freq.
Max.
Current
Number
(µH ±30%)
(_Hz)
(mW)
(A)
CTCDRH4D18F-1R0N
1.0
7.96M
45
1.72
CTCDRH4D18F-2R2N
2.2
7.96M
75
1.32
CTCDRH4D18F-2R7N
2.7
7.96M
105
1.28
CTCDRH4D18F-3R3N
3.3
7.96M
110
1.04
CTCDRH4D18F-3R9N
3.9
7.96M
155
0.88
CTCDRH4D18F-4R7N
4.7
7.96M
162
0.84
CTCDRH4D18F-5R6N
5.6
7.96M
170
0.80
CTCDRH4D18F-6R8N
6.8
7.96M
200
0.76
CTCDRH4D18F-8R2N
8.2
7.96M
245
0.68
CTCDRH4D18F-100N
10
100k
200
0.61
CTCDRH4D18F-120N
12
100k
210
0.56
CTCDRH4D18F-150N
15
100k
240
0.50
CTCDRH4D18F-180N
18
100k
338
0.48
CTCDRH4D18F-220N
22
100k
397
0.41
CTCDRH4D18F-270N
27
100k
441
0.35
CTCDRH4D18F-330N
33
100k
694
0.32
CTCDRH4D18F-390N
39
100k
709
0.30
CTCDRH4D18F-470N
47
100k
922
0.28
CTCDRH4D18F-560N
56
100k
1080
0.26
CTCDRH4D18F-680N
68
100k
1300
0.24
CTCDRH4D18F-820N
82
100k
1560
0.22
CTCDRH4D18F-101N
100
100k
1730
0.20
CTCDRH4D18F-121N
120
100k
2390
0.18
CTCDRH4D18F-151N
150
100k
2840
0.15
CTCDRH4D18F-181N
180
100k
4000
0.14
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD (shielded) power inductor.
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -30°C to +80°C
Inductance Tolerance: ±30%
Testing: Tested on a HP4285A at specified frequency.
Packaging: Tape & Reel.
Marking: Parts are marked with inductance code.
Rated DC Current: Indicates the current when the inductance
decreases to 65% more than its nominal value and temperature
rising DT=40°C lower at D.C. superposition.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
B
C
D
E
F
Max.
4.7±0.3
4.7±0.3
4.5
1.5
4.5
2.0
0.19±0.01
0.19±0.01
0.177
0.06
0.177
0.08
Size
mm
inches
Unit: mm
ENGINEERING KIT #43F


Similar Part No. - CTCDRH4D18F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH4D18F-100N CT-CTCDRH4D18F-100N Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH4D18F-101N CT-CTCDRH4D18F-101N Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH4D18F-120N CT-CTCDRH4D18F-120N Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH4D18F-121N CT-CTCDRH4D18F-121N Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH4D18F-150N CT-CTCDRH4D18F-150N Datasheet
199Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTCDRH4D18F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com