Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CTCDRH5D28F Datasheet(PDF) 1 Page - Central Technologies

Part # CTCDRH5D28F
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCDRH5D28F Datasheet(HTML) 1 Page - Central Technologies

  CTCDRH5D28F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2010 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 03.29.10
Power Inductors - Shielded
www.ctparts.com
CTCDRH5D28F
Series
From 2.5 µH to 150 µH
SPECIFICATIONS
Parts are available in ±30% inductance tolerance only.
L Test
DCR
Rated DC
Part
Inductance
Freq.
Max.
Current
Number
(µH)
(KHz)
(mΩ)
(A)
CTCDRH5D28F-2R5N
2.5
10
18
2.60
CTCDRH5D28F-3R0N
3.0
10
24
2.40
CTCDRH5D28F-4R2N
4.2
10
31
2.20
CTCDRH5D28F-5R3N
5.3
10
38
1.90
CTCDRH5D28F-5R6N
5.6
10
40
1.85
CTCDRH5D28F-6R2N
6.2
10
45
1.80
CTCDRH5D28F-8R2N
8.2
10
53
1.60
CTCDRH5D28F-100N
10
10
65
1.30
CTCDRH5D28F-120N
12
10
76
1.20
CTCDRH5D28F-150N
15
10
103
1.10
CTCDRH5D28F-180N
18
10
110
1.00
CTCDRH5D28F-220N
22
10
122
0.90
CTCDRH5D28F-270N
27
10
175
0.85
CTCDRH5D28F-330N
33
10
189
0.75
CTCDRH5D28F-390N
39
10
212
0.70
CTCDRH5D28F-470N
47
10
260
0.62
CTCDRH5D28F-560N
56
10
305
0.58
CTCDRH5D28F-680N
68
10
355
0.52
CTCDRH5D28F-820N
82
10
463
0.46
CTCDRH5D28F-101N
100
10
520
0.42
CTCDRH5D28F-121N
120
10
850
0.31
CTCDRH5D28F-151N
150
10
956
0.26
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD (shielded) power inductor.
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -30°C to +100°C
Inductance Tolerance: ±30%
Testing: Tested on a HP4284A at 10KHz, 0.25Vrms, 0Adc.
Packaging: Tape & Reel.
Marking: Parts are marked with inductance code.
Rated DC Current: Indicates the current when the inductance
decreases to 65% of its initial value or D.C. current when the
temperature of coil is increased by 30% the smaller one is defined
as rated current.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
B
C
D
E
F
G
Max.
Max.
5.7±0.3
5.7±0.3
5.5
2.0
5.5
8.2
3.0
0.22±0.01
0.22±0.01
0.217
0.08
0.217
0.32
0.12
Size
mm
inches
ENGINEERING KIT #44


Similar Part No. - CTCDRH5D28F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH5D28F-100N CT-CTCDRH5D28F-100N Datasheet
180Kb / 1P
Power Inductors - Shielded
CTCDRH5D28F-101N CT-CTCDRH5D28F-101N Datasheet
180Kb / 1P
Power Inductors - Shielded
CTCDRH5D28F-120N CT-CTCDRH5D28F-120N Datasheet
180Kb / 1P
Power Inductors - Shielded
CTCDRH5D28F-121N CT-CTCDRH5D28F-121N Datasheet
180Kb / 1P
Power Inductors - Shielded
CTCDRH5D28F-150N CT-CTCDRH5D28F-150N Datasheet
180Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTCDRH5D28F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com