Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AGS-920I-R14A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AGS-920I-R14A1E
Description  2U Rackmount Intel Xeon E5-2600 / 2600 v2 GPU server, Supporting 4 x PCIe x16 double-deck card 1 x PCIe x8 FH/HL card
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AGS-920I-R14A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AGS-920I-R14A1E Datasheet HTML 1Page - Advantech Co., Ltd. AGS-920I-R14A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Advantech GPU Server
Features
AGS-920
Specifications
Processor System
Chipset
Intel C602J Chipset
CPU
Dual Intel LGA2011 Xeon E5-2600 / 2600 v2 processor (up to 150W TDP)
L2 Cache
5/10/15/20 MB
Memory
8 x DDR3 1333/1600 MHz Non-ECC/ECC/REG DIMM, maximum to 128GB
(256GB is condition support by configuration)
Graphics
Controller
Aspeed AST2300
VRAM
64 MB
Expansion Slot
Slot location 1 (Upper Middle slot)
PCIe x 8 slot (Gen3 x8 link) for for single-depth 4.376"(H)/6.4"(L) expansion cards
Slot location 2 (Lower Right slot)
PCIe x16 slot (Gen3 x16 link), for double-depth 4.376"(H)/10.5"(L) expansion cards
Slot location 3 (Upper Left slot/bottom)
PCIe x16 slot (Gen3 x16 link), for double-depth 4.376"(H)/10.5"(L) expansion cards, support 12"(L) when
remove 8020 FAN
Slot location 4
-
Slot location 5 (Upper Left slot/top)
PCIe x16 slot (Gen3 x16 link), for double-depth 4.376"(H)/10.5"(L) expansion cards, support 12"(L) when
remove 8020 FAN
Slot location 6 (Lower Left slot)
PCIe x16 slot (Gen3 x16 link), for double-depth 4.376"(H)/10.5"(L) expansion cards
Drive Bay
2.5" (Hot-swap)
8 (only 4 x SATAII + 2 x SATAIII on-board)
3.5" (Front Accessible)
-
3.5" Internal
-
Ethernet
Interface
4 x 10/100/1000 Mbps Gigabit Ethernet
Controller
1 x Intel 82579LM + 3 x Intel I210AT
Front I/O Interface
USB
2 x USB2.0
Rear I/O Interface
USB
2 x USB2.0
PS/2
-
COM
-
Disaplay
1 x VGA
RJ-45
4 (1 is sharing NIC for IPMI)
Internal connector
Type-A USB
1
COM
2
LPC
1
Watchdog Timer
Output
Interrup, system reset
Interval
Programmable, 1~255 sec
Power Supply
Power Output Wattage
80 PLUS Platinum 1400W 1+1 redundant Power Supply
900W @ 100 ~ 120V
1400W @ 200 ~ 240V
Input Range
AC 100 ~ 240 V
Cooling
Chassis Fan
4 * 80x38 + 1 * 80x20 + 1 * 80x38 (optional) high speed fan
Air Filter
-
Miscellaneous
LED Indicators
Power status, HDD activity, Lan status, location, error message
Remote Management
Advantech Remote Monitoring Utility
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85% @ 40° C
10 ~ 95% @ 40° C
Vibration (5 ~ 500 Hz)
0.5 Grms
2 G
Shock
10G (with 11ms duration, half since wave)
Physical Characteristics
Dimension
770 x 430 x 88 mm
2U Rackmount Intel Xeon E5-2600 / 2600
v2 GPU server, Supporting 4 x PCIe x16
double-deck card + 1 x PCIe x8 FH/HL card
ƒ Processor: Dual Intel Xeon E5-2600 / 2600 v2 series, up to 20 cores /
40 threads
ƒ Memory : DDR3-1333/1600 MHz Non-ECC/ECC/REG type up to 128GB
ƒ Remote Management: IPMI function support
ƒ Expansion:Supporting 4 * PCIe x16 double-deck card + 1* PCIe x8
FH/HL card
ƒ PSU:1400W 1+1 redundant power supply with 80 PLUS Platinum level
certification
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 22-Jul-2015


Similar Part No. - AGS-920I-R14A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AGS-923I-R14A1E ADVANTECH-AGS-923I-R14A1E Datasheet
1Mb / 2P
2U Rackmount Intel Xeon E5-2600 v3 GPU server, Supporting 4 x PCIe x16 double-depth card and 1 x PCIe x8 single-depth FH/HL card
More results

Similar Description - AGS-920I-R14A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AGS-910I-R11A1E ADVANTECH-AGS-910I-R11A1E Datasheet
773Kb / 2P
1U Rackmount Xeon E5-2600 / 2600 v2 GPU server, Supporting 3 x PCIe x16 double-depth card and 1 x PCIe x8 single-depth FH/HL card
AGS-913I-R11A1E ADVANTECH-AGS-913I-R11A1E Datasheet
958Kb / 2P
1U Rackmount Xeon E5-2600 v3 GPU server, Supporting 3 x PCIe x16 double-depth card and 1 x PCIe x8 single-depth FH/HL card
AGS-923I-R14A1E ADVANTECH-AGS-923I-R14A1E Datasheet
1Mb / 2P
2U Rackmount Intel Xeon E5-2600 v3 GPU server, Supporting 4 x PCIe x16 double-depth card and 1 x PCIe x8 single-depth FH/HL card
ASMB-922-00A1E ADVANTECH-ASMB-922-00A1E Datasheet
595Kb / 2P
Dual Intel짰 Xeon짰 E5-2600 / 2600 v2 EATX Server Board with DDR3, 3 PCIe x16 1 PCIe x8, PME support
AGS-910 ADVANTECH-AGS-910 Datasheet
879Kb / 2P
1U Rackmount Intel Xeon E5-2600/2600 v2 GPU server
AGS-913 ADVANTECH-AGS-913 Datasheet
900Kb / 2P
1U Rackmount Intel Xeon E5-2600 v3 GPU server
SKY-6100 ADVANTECH-SKY-6100 Datasheet
2Mb / 2P
1U Rackmount Intel® Xeon® Scalable GPU Server, Supporting 1 x PCIe x16 Double-Deck FH/FL Cards or 5 x PCIe x16 Single-Deck Cards
11-Jan-2022
SKY-6200 ADVANTECH-SKY-6200 Datasheet
1Mb / 2P
2U Rackmount Intel® Xeon® Scalable GPU Server, Supporting 4 x PCIe x16 Double-Deck FH/FL Cards or 8 x PCIe x8 Single-Deck FH/FL Cards
11-Jan-2022
SKY-6400 ADVANTECH-SKY-6400 Datasheet
951Kb / 2P
4U Rackmount Intel® Xeon® Scalable GPU Server, Supporting 4 x PCIe x16 Double-Deck Cards Plus 1 x PCIe x8 and 1 x PCIe x4 Single-Deck Cards
11-Jan-2022
SKY-6420 ADVANTECH-SKY-6420 Datasheet
2Mb / 2P
4U Rackmount Intel® Xeon® Scalable GPU Server, Supporting 10 x PCIe x16 Double-Deck Cards Plus 1 x PCIe x16 and 1 x PCIe x8 Single-Deck Cards
19-Jan-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com