Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IR3899M Datasheet(PDF) 21 Page - International Rectifier

Part # IR3899M
Description  Single?륤nput Voltage, Synchronous Buck Regulator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3899M Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3899M Datasheet HTML 17Page - International Rectifier IR3899M Datasheet HTML 18Page - International Rectifier IR3899M Datasheet HTML 19Page - International Rectifier IR3899M Datasheet HTML 20Page - International Rectifier IR3899M Datasheet HTML 21Page - International Rectifier IR3899M Datasheet HTML 22Page - International Rectifier IR3899M Datasheet HTML 23Page - International Rectifier IR3899M Datasheet HTML 24Page - International Rectifier IR3899M Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
- 21 -
JANUARY 18, 2013 |DATA SHEET | 3.6
21
IR3899 
9A Highly Integrated SupIRBuck
TM  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97661
half of peak to peak inductor ripple current. The current 
limit point will be a function of the inductor value, input 
voltage, output voltage and the frequency of operation. 
 
(2)
2
OCP
LIMIT
i
II

 
IOCP= DC current limit hiccup point 
ILIMIT= Current limit Valley Point 
Δi=Inductor ripple current 
 
 
 
Figure 8: Timing Diagram for   
Current Limit Hiccup 
 
THERMAL SHUTDOWN 
Temperature  sensing  is  provided  inside  IR3899.  The  trip 
threshold  is  typically  set  to  145
oC. When trip threshold is 
exceeded, thermal shutdown turns off both MOSFETs and 
resets the internal soft start. 
Automatic  restart  is  initiated  when  the  sensed 
temperature  drops  within  the  operating  range.  There  is  
a 20
oC hysteresis in the thermal shutdown threshold. 
EXTERNAL SYNCHRONIZATION 
IR3899  incorporates  an  internal  phase  lock  loop  (PLL) 
circuit  which  enables  synchronization  of  the  internal 
oscillator to an external clock. This function is important to 
avoid sub‐harmonic oscillations due to beat frequency for 
embedded  systems  when  multiple  point‐of‐load  (POL) 
regulators are used. A multi‐function pin, Rt/Sync, is used 
to  connect  the  external  clock.  If  the  external  clock  is 
present before the converter turns on, Rt/Sync pin can be 
connected to the external clock signal solely and no other 
resistor is needed. If the external clock is applied after the 
converter  turns  on,  or  the  converter  switching  frequency 
needs to toggle between the external clock frequency and 
the  internal  free‐running  frequency,  an  external  resistor 
from Rt/Sync pin to Gnd is required to set the free‐running 
frequency.  
When an external clock is applied to Rt/Sync pin after the 
converter  runs  in  steady  state  with  its  free‐running 
frequency, a transition from the free‐running frequency to 
the external clock frequency will happen. This transition is 
to gradually make the actual switching frequency equal to 
the  external  clock  frequency,  no  matter  which  one  is 
higher.  On  the  contrary,  when  the  external  clock  signal  is 
removed from Rt/Sync pin, the switching frequency is also 
changed  to  free‐running  gradually.  In  order  to  minimize 
the  impact  from  these  transitions  to  output  voltage,  a 
diode is recommended to add between the external clock 
and  Rt/Sync  pin,  as  shown  in  Figure  9a.  Figure  9b  shows 
the timing diagram of these transitions. 
 
 Figure 9a: Configuration of External Synchronization 
Figure 9b: Timing Diagram for Synchronization  
to the external clock (Fs1>Fs2 or Fs1<Fs2) 
An internal circuit is used to change the PWM ramp slope 
according  to  the  clock  frequency  applied  on  Rt/Sync  pin. 
Even though the frequency of the external synchronization 
clock  can  vary  in  a  wide  range,  the  PLL  circuit  will  make 
sure that the ramp amplitude is kept constant, requiring no 
adjustment  of  the  loop  compensation.  Vin  variation  also 
affects  the  ramp  amplitude,  which  will  be  discussed 
separately in Feed‐Forward section. 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com