Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX3292CSD Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3292CSD
Description  RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3292CSD Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3292CSD Datasheet HTML 1Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 2Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 3Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 4Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 5Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 6Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 7Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 8Page - Maxim Integrated Products MAX3292CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
RS-485/RS-422 Transceivers with Preemphasis
for High-Speed, Long-Distance Communication
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(Typical Operating Circuit, VCC = +5V ±5%, RPSET = 0 (MAX3292), VCC = VCCD (MAX3292), TA = TMIN to TMAX, unless otherwise
noted. Typical values are at VCC = +5V and TA = +25°C.) (Note 1)
SWITCHING CHARACTERISTICS
(Typical Operating Circuit, VCC = +5V ±5%, RPSET = 0 (MAX3292), VCC = VCCD (MAX3292), TA = +25°C, unless otherwise noted.
Typical values are at VCC = +5V and TA = +25°C.)
-7V
≤ VCM ≤ +12V
RE = VCC, DE = GND, VY = VZ = 0 to VCC or
floating
RE = GND, DE = VCC
0
≤ VO ≤ VCC
-7V
≤ VCM ≤ +12V
0
≤ VRO ≤ VCC
CONDITIONS
mV
-200
200
VTH
Receiver Differential
Threshold Voltage
µA
0.1
1
ISHDN
Supply Current in Shutdown
Mode
mA
2.0
3.0
ICC + ICCD
No-Load Supply Current
µA
0.1
±1
IOZR
Three-State Output Current at
Receiver
k
Ω
48
RIN
Receiver Input Resistance
mA
±15
±95
IOSR
Receiver Output Short-Circuit
Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VA = VB = 0
mV
35
∆VTH
Receiver Input Hysteresis
IO = -4mA, VA - VB = VTH
V
3.5
VOH
Receiver Output High Voltage
IO = 4mA, VA - VB = -VTH
V
0.4
VOL
Receiver Output Low Voltage
DE = GND,
VCC = GND or 5.25V
µA
-150
IA, B
250
Input Current (A and B)
VIN = +12V
VIN = -7V
Driver Differential Output
Rise or Fall Time
Figures 3 and 5, RDIFF = 54Ω,
CL1 = CL2 = 50pF
ns
44
65
tDPHL
Driver Propagation Delay
CONDITIONS
tHL
12
Figures 3 and 5, RDIFF = 54Ω,
CL1 = CL2 = 50pF
ns
tLH
Differential Driver Output
Skew
 tDPLH - tDPHL
Figures 3 and 10, RDIFF = 54Ω,
CL1 = CL2 = 50pF
ns
30
tPTND
Preemphasis Voltage Level to
Normal Voltage Level Delay
tDSKEW
Figures 3 and 5, RDIFF = 54Ω,
CL1 = CL2 = 50pF
38
ns
Mbps
10
fMAX
Maximum Data Rate
41
65
tDPLH
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
RECEIVER
SUPPLY CURRENT
Driver Preemphasis Interval
tPRE
80
100
120
Figures 3 and 10,
RDIFF = 54Ω,
CL1 = CL2 = 50pF
ns
0.75
1
1.25
µs
MAX3292,
RPSET = 523kΩ
MAX3291/MAX3292,
RPSET = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com