Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ABSM32A-R40-B-1-G Datasheet(PDF) 3 Page - Abracon Corporation

Part # ABSM32A-R40-B-1-G
Description  Surface Mount Microprocessor Crystal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABSM32A-R40-B-1-G Datasheet(HTML) 3 Page - Abracon Corporation

  ABSM32A-R40-B-1-G Datasheet HTML 1Page - Abracon Corporation ABSM32A-R40-B-1-G Datasheet HTML 2Page - Abracon Corporation ABSM32A-R40-B-1-G Datasheet HTML 3Page - Abracon Corporation ABSM32A-R40-B-1-G Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ABSM3A
12.5 x 4.95 x 5.1mm
Surface Mount Microprocessor Crystal
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
2 Faraday, Suit#B, Irvine, California 92618
Revised: 10.09.14
Visit
www.abracon.com for Terms & Conditions of Sale
RoHS / RoHS II Compliant
Pb in glass exemption 7 (c)-I per RoHS II 2011/65/EU Annex
tel 949-546-8000 | fax 949-546-8001
OUTLINE DIMENSION:
Dimensions: mm
P/N
Height max.
(mm)
ABSM3A
5.1
ABSM32A
4.5
ABSM33A
3.8
REFLOW PROFILE:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com