Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACVX1220-F-R-S-N15 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACVX1220-F-R-S-N15
Description  TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACVX1220-F-R-S-N15 Datasheet(HTML) 1 Page - Abracon Corporation

  ACVX1220-F-R-S-N15 Datasheet HTML 1Page - Abracon Corporation ACVX1220-F-R-S-N15 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Frequency Range
ABRACON P/N
ACVX1220 Series
Operating Temperature
Storage Temperature
Freq. Stability vs. Temperature
Freq. Stability vs. Aging
Freq. Stability vs. Supply Volt.
Supply Voltage (Vdd)
Output Load
Output Voltage
Transfer Function
Control Voltage (Vc)
Center Voltage
Frequency Deviation
Linearity
Start-up Time
| | | | | | | | | | | | | | |
ACVX1220
20.2 x 12.6 x 8.0mm
• Phase locked loops (PLLs)
• Clock recovery
• Synthesizers
• Reference signal tracking
• Large frequency pulling available
• Hermetically sealed
• Tight Symmetry Available
1.0MHz to 160.0MHz
0°C to + 70°C (see options)
-40°C to + 85°C
± 100ppm max. (see options)
± 5ppm/yr max.
± 5ppm max.
5.0 Vdc ±5%
Symmetry
40/60% max. @ 1/2 Vdd (see option)
Rise & Fall Time (Tr/Tf)
10ns max.
Supply Current (Idd)
See Table 1
TTL/CMOS (15pF or 5TTL gate)
0.5Vdc to 4.5Vdc
2.5 VDC ±0.5V
± 100ppm min. (see options)
± 10% max.
10ms. max.
VOH=0.9*Vdd min. ; VOL=0.4*Vdd max.
Positive
Pb RoHS
Compliant
TTL/CMOS FULL-SIZE DIP VOLTAGE
CONTROLLED CRYSTAL OSCILLATOR
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
PARAMETERS
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 12.03.07
Visit www.abracon.com for Terms & Conditions of Sale
1
e
l
b
a
T
Freq
MHz
Idd max.
mA
<=24
25
<=45
30
<=70
60
<=160
90
Y
±10ppm
G
Gull Wing
J
±20ppm
Q45
0.45(11.43)
R
±25ppm
Q40
0.40(10.16)
D
-10°C to +60°C
K
±30ppm
Q35
0.35(8.89)
E
-20°C to +70°C
H
±35ppm
Q30
0.30(7.62)
F
-30°C to +70°C
C
±50ppm
Q25
0.25(6.35)
N
-30°C to +85°C
Q20
0.20(5.08)
L
-40°C to +85°C
Q15
0.15(3.81)
S
45/55%@0.5Vdd
Q10
0.10(2.54)
S1
45/55%@1.4Vdd
N05
± 50ppm
N15
± 150ppm
N20
± 200ppm
N25
± 250ppm
N30
± 300ppm
ACVX1220 - Frequency - - - - -
Pulling
XXX.XXXMHz
Trimed Lead
Operating Temp.
Frequency Stability
Symmetry
Frequency


Similar Part No. - ACVX1220-F-R-S-N15

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACVX1220 ABRACON-ACVX1220 Datasheet
486Kb / 1P
TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1220 ABRACON-ACVX1220 Datasheet
289Kb / 2P
TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
ACVX1220L ABRACON-ACVX1220L Datasheet
486Kb / 1P
TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1220L ABRACON-ACVX1220L Datasheet
289Kb / 2P
TTL/CMOS 3.3Vdc VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
ACVX1220 ABRACON-ACVX1220_07 Datasheet
289Kb / 2P
TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
More results

Similar Description - ACVX1220-F-R-S-N15

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACVX1220 ABRACON-ACVX1220 Datasheet
486Kb / 1P
TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1222 ABRACON-ACVX1222 Datasheet
494Kb / 1P
TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1224 ABRACON-ACVX1224 Datasheet
509Kb / 1P
HIGH FREQUENCY INVERTED MESA TTL / CMOS FULL-SIZE DIP 5VDC VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
AHVX1025 ABRACON-AHVX1025 Datasheet
450Kb / 1P
TTL / CMOS HALF-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1220L ABRACON-ACVX1220L Datasheet
289Kb / 2P
TTL/CMOS 3.3Vdc VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
ACVX1220 ABRACON-ACVX1220_07 Datasheet
289Kb / 2P
TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
ACVX1222 ABRACON-ACVX1222_08 Datasheet
166Kb / 2P
TTL/CMOS VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
04.11.08
ACOW ABRACON-ACOW Datasheet
941Kb / 2P
FULL-SIZE DIP 32.768kHz CRYSTAL CLOCK OSCILLATOR
04.01.15
ACT ABRACON-ACT_15 Datasheet
806Kb / 2P
TTL OUTPUT FULL SIZE DIP 5.0V CRYSTAL CLOCK OSCILLATOR
09.23.13
AHT ABRACON-AHT Datasheet
660Kb / 2P
TTL OUTPUT HALF SIZE DIP CRYSTAL CLOCK OSCILLATOR
10.23.10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com