Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ABSM33B-R40-D-2-U Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABSM33B-R40-D-2-U
Description  Surface Mount Microprocessor Crystal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABSM33B-R40-D-2-U Datasheet(HTML) 1 Page - Abracon Corporation

  ABSM33B-R40-D-2-U Datasheet HTML 1Page - Abracon Corporation ABSM33B-R40-D-2-U Datasheet HTML 2Page - Abracon Corporation ABSM33B-R40-D-2-U Datasheet HTML 3Page - Abracon Corporation ABSM33B-R40-D-2-U Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ABSM3B
12.5 x 4.85 x 5.1mm
Surface Mount Microprocessor Crystal
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
STANDARD SPECIFICATIONS:
• Home electronics
• Computers, modems, and communications
• Clock applications
• Microprocessors
APPLICATIONS:
• Excellent all-purpose surface-mount crystal.
• Four pad land pattern compatible with common
plastic molded designs.
FEATURES:
RoHS / RoHS II Compliant
Moisture Sensitivity Level – MSL – N/A
(The ABSM3A Series is a Hermetically Sealed device and not moisture sensitive)
Pb in glass exemption 7 (c)-I per RoHS II 2011/65/EU Annex
Parameters
Minimum
Typical
Maximum
Units
Notes
z
H
M
0
6
5
4
5
9
7
5
.
3
e
g
n
a
R
y
c
n
e
u
q
e
r
F
Operation Mode
3.579545MHz ~ 30.00MHz: Fundamental, AT
Standard
30.01MHz ~ 39.99MHz: Fundamental, BT
Standard
40.00MHz ~ 60.00MHz: 3rd OT
Standard
40.00MHz ~ 48.00MHz: Fundamental, BT
Option “FB”
Operating Temperature
-10
+60
ºC
See options
0
4
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
+85
ºC
s
n
o
it
p
o
e
e
S
m
p
p
0
5
+
0
5
-
e
c
n
a
r
e
l
o
T
y
c
n
e
u
q
e
r
F
Frequency Stability over the Operating
Temperature ( ref. to +25°C ± 3 oC)
-100
+100
ppm
See options
Equivalent series resistance (R1)
150
Ω
3.579545MHz ~
3.999MHz
120
4.000 MHZ ~
4.999MHz
90
5.000MHz ~
6.999MHz
50
7.000MHz ~
14.999MHz
40
15.000MHz ~
48.000MHZ (Fund.)
80
40.000MHz ~
60.000MHz (3rd OT)
F
p
0
.
7
)
0
C
(
e
c
n
a
ti
c
a
p
a
c
t
n
u
h
S
s
n
o
it
p
o
e
e
S
F
p
8
1
)
L
C
(
e
c
n
a
ti
c
a
p
a
c
d
a
o
L
W
µ
0
0
0
1
0
0
1
l
e
v
e
L
e
v
ir
D
Aging (per year) @25°C ± 3 oC
-5
+5
ppm
V
5
1
±
c
d
V
0
0
1
@
Ω
M
0
0
5
e
c
n
a
t
s
i
s
e
R
n
o
it
a
l
u
s
n
I
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 04.30.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC


Similar Part No. - ABSM33B-R40-D-2-U

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABSM33B ABRACON-ABSM33B Datasheet
449Kb / 1P
MICROPROCESSOR CRYSTALS AT 49 CASE GROUNDED (- G), SURFACE MOUNT
More results

Similar Description - ABSM33B-R40-D-2-U

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
H180A-3.8912-20 RALTRON-H180A-3.8912-20 Datasheet
68Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
H180A-12.288-20 RALTRON-H180A-12.288-20 Datasheet
68Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
H180A-16.9344-20 RALTRON-H180A-16.9344-20 Datasheet
68Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
H180A-21.250-18 RALTRON-H180A-21.250-18 Datasheet
68Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
TT-SMDC-12.288-20 RALTRON-TT-SMDC-12.288-20 Datasheet
71Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
H10A RALTRON-H10A Datasheet
60Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
H13A RALTRON-H13A Datasheet
63Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
logo
Advanced Linear Devices
TT-SMDC ALD-TT-SMDC Datasheet
34Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
logo
List of Unclassifed Man...
H10S-18.432-18-F-3030-EXT ETC2-H10S-18.432-18-F-3030-EXT Datasheet
58Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
logo
Raltron Electronics Cor...
R2016A RALTRON-R2016A Datasheet
474Kb / 4P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com