Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ABSM33B-R40-B-7-U Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABSM33B-R40-B-7-U
Description  Surface Mount Microprocessor Crystal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABSM33B-R40-B-7-U Datasheet(HTML) 2 Page - Abracon Corporation

  ABSM33B-R40-B-7-U Datasheet HTML 1Page - Abracon Corporation ABSM33B-R40-B-7-U Datasheet HTML 2Page - Abracon Corporation ABSM33B-R40-B-7-U Datasheet HTML 3Page - Abracon Corporation ABSM33B-R40-B-7-U Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSM3B
12.5 x 4.85 x 5.1mm
Surface Mount Microprocessor Crystal
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
RoHS / RoHS II Compliant
Pb in glass exemption 7 (c)-I per RoHS II 2011/65/EU Annex
ABSM3 B -
MHz - -
- - - - -
Height max.
(mm)
Blank: 5.1
2: 4.5
3: 3.8
Frequency in MHz
e.g. 14.31818MHz
26.000MHz
Packaging
Blank: Bulk
T: 1kpcs/reel
Load Capacitance (pF)
Please specify CL in pF or
S for series (10pF min) if
not standard
Mode
Blank: Standard
FB: Fund BT for
40MHz≤F≤48MHz
Freq. Stability
Blank:± 100 ppm
U: ± 10 ppm(*)
G: ± 15 ppm(**)
X: ± 20 ppm
W: ± 25 ppm
Y: ± 30 ppm
H: ± 35 ppm
Z: ± 50 ppm
Freq. Tolerance
Blank: ± 50 ppm
1: ± 10 ppm
7: ± 15 ppm
2: ± 20 ppm
3: ± 25 ppm
4: ± 30 ppm
Custom ESR if other than
standard
R□
□: Specify a value in Ω if
not standard (e.g.: R40)
Operating Temp.
Blank: -10°C to +60°C
E: 0°C to +70°C
B: -20°C to +70°C
C: -30°C to +70°C
N: -30°C to +85°C
D: -40°C to +85°C
(*) -10°C to 60°C only.
(**) Temp. option E, B, C, N and -10 to +60°C only
Note: Fundamental BT frequency stability ± 100
ppm max. at -10°C to 60°C only
OPTIONS & PART IDENTIFICATION: (Left blank if standard)
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 04.30.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com