Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC2334 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2SC2334
Description  Silicon NPN Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SC2334 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SC2334_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC2334_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC2334_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC2334_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product Specification
www.jmnic.com
JMnic
Silicon NPN Power Transistor
2SC2334
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 5.0A ; IB= 0.5A, L=1mH
100
V
VCEX(SUS)-1
Collector-Emitter Sustaining Voltage
IC= 5.0A ; IB1=-IB2= 0.5A,
VBE(off)=5.0V, L=180μH,clamped
100
V
VCEX(SUS)-2
Collector-Emitter Sustaining Voltage
IC= 10A ; IB1= 1.0A; IB2= -0.5A,
VBE(off)= -5.0V, L= 180μH,clamped
100
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 5.0A; IB= 0.5A
0.6
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 5.0A; IB= 0.5A
1.5
V
ICBO
Collector Cutoff Current
VCB= 100V ; IE= 0
10
μA
ICER
Collector Cutoff Current
VCE= 100V ; RBE= 51Ω,Ta=125℃
1.0
mA
ICEX
Collector Cutoff Current
VCE= 100V; VBE(off)= -1.5V
VCE= 100V; VBE(off)= -1.5V,Ta=125℃
10
1.0
μA
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
10
μA
hFE-1
DC Current Gain
IC= 0.5A ; VCE= 5V
40
200
hFE-2
DC Current Gain
IC= 3.0A ; VCE= 5V
70
140
hFE-3
DC Current Gain
IC= 5.0A ; VCE= 5V
20
Switching times
ton
Turn-on Time
0.5
μs
tstg
Storage Time
1.5
μs
tf
Fall Time
IC= 5.0A ,RL= 10Ω,
IB1= -IB2= 0.5A,VCC≈ 50V
0.5
μs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com