Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX4102ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4102ESA
Description  250MHz, Broadcast-Quality, Low-Power Video Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4102ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4102ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4102ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4102ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4102ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4102ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4102ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4102ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4102ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4102ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
250MHz, Broadcast-Quality, Low-Power
Video Op Amps
_______________________________________________________________________________________
3
MIN
TYP
MAX
PARAMETER
AC ELECTRICAL CHARACTERISTICS
(VCC = 5V, VEE = -5V, RL = 100Ω, AVCL = +1 (MAX4102), AVCL = +2 (MAX4103), TA = +25°C, unless otherwise noted.)
10% to 90%, -2V
≤ VOUT ≤ 2V
13
Rise/Fall Times
tR, tF
10% to 90%, -50mV
≤ VOUT ≤ 50mV
1.5
ns
0.002
Differential Gain
f = 3.58MHz,
RL = 150Ω
0.008
%
0.002
Differential Phase
DP
f = 3.58MHz,
RL = 150Ω
0.003
degrees
Input Capacitance
CIN
2
pF
Output Resistance
ROUT
f = 10MHz
0.7
Ω
-78
Spurious-Free Dynamic Range
SFDR
fC = 5MHz,
VOUT = 2Vp-p
-76
dBc
DG
SYMBOL
UNITS
CONDITIONS
__________________________________________Typical Operating Characteristics
(VCC = 5V, VEE = -5V, RL = 100Ω, TA = +25°C, unless otherwise noted.)
MAX4102
MAX4103
MAX4102
MAX4103
MAX4102
MAX4103
MAX4102
MAX4103
0.7
-1V
≤ VOUT ≤ 1V
ns
30
ts
Settling Time
to 0.01%
to 0.1%
VOUT ≤ 0.1VRMS
MHz
180
BW
-3dB Bandwidth
250
MAX4103
MAX4102
V/µs
SR
Slew Rate
350
-2V
≤ VOUT ≤ 2V
MHz
80
0.1dB Bandwidth
130
MAX4103
MAX4102
18
AC SPECIFICATIONS
0.002
0.000
-0.002
0.004
-0.006
0
100
0
100
MAX4102
DIFFERENTIAL GAIN AND PHASE
-0.002
-0.004
-0.004
-0.006
IRE
IRE
0.004
0.002
0.000
RL = 150Ω
AVCL = 1V/V
RL = 150Ω
AVCL = 1V/V
0.002
0.000
-0.002
-0.004
0.004
-0.006
0
100
0
100
MAX4103
DIFFERENTIAL GAIN AND PHASE
-0.002
-0.004
-0.006
-0.010
-0.008
IRE
IRE
0.004
0.002
0.000
RL = 150Ω
AVCL = 2V/V
RL = 150Ω
AVCL = 2V/V
0.002
0.000
-0.002
-0.004
0.004
-0.010
0
100
0
100
MAX4102
DIFFERENTIAL GAIN AND PHASE
0.000
-0.005
-0.006
-0.010
-0.008
IRE
IRE
0.015
0.010
0.005
RL = 75Ω
AVCL = 1V/V
RL = 75Ω
AVCL = 1V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com