Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX4119EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4119EEE
Description  Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4119EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4119EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Single/Dual/Quad, 400MHz, Low-Power,
Current Feedback Amplifiers
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(VCC = +5V, VEE = -5V, RF = 499Ω, RL = 100Ω, TA = +25°C, unless otherwise noted.)
0.1
10
1
100
1000
MAX4112/MAX4117/MAX4119
SMALL-SIGNAL GAIN vs. FREQUENCY
(AVCL = +2)
FREQUENCY (MHz)
-6
-5
-3
-4
-1
-2
0
1
2
4
3
VOUT ≤ 100mVp-p
RF = RG = 600Ω
MAX4112/MAX4117/MAX4119
LARGE-SIGNAL GAIN vs. FREQUENCY
(AVCL = +2)
0.1
10
1
100
1000
FREQUENCY (MHz)
-6
-5
-3
-4
-1
-2
0
1
2
4
3
VOUT = 2Vp-p
RF = RG = 600Ω
MAX4113/MAX4118/MAX4120
SMALL-SIGNAL GAIN vs. FREQUENCY
(AVCL = +8)
0.1
10
1
100
1000
FREQUENCY (MHz)
-6
-5
-3
-4
-1
-2
0
1
2
4
3
RF = 500Ω
RG = 68Ω
VOUT ≤ 100mVp-p
MAX4113/MAX4118/MAX4120
SMALL-SIGNAL GAIN vs. FREQUENCY
(AVCL = +20)
0.1
10
1
100
1000
FREQUENCY (MHz)
-6
-5
-3
-4
-1
-2
0
1
2
4
3
RF = 330Ω
RG = 18Ω
VOUT ≤ 100mVp-p
IN
OUT
GND
GND
MAX4112/MAX4117/MAX4119
SMALL-SIGNAL PULSE RESPONSE
(AVCL = +10)
TIME (10ns/div)
IN
OUT
GND
GND
MAX4112/MAX4117/MAX4119
SMALL-SIGNAL PULSE RESPONSE
(AVCL = +2)
TIME (10ns/div)
MAX4113/MAX4118/MAX4120
SMALL-SIGNAL GAIN vs. FREQUENCY
(AVCL = +50)
0.1
10
1
100
1000
FREQUENCY (MHz)
-6
-5
-3
-4
-1
-2
0
1
2
4
3
RF = 330Ω
RG = 6.8Ω
VOUT ≤ 100mVp-p
IN
OUT
GND
GND
MAX4112/MAX4117/MAX4119
LARGE-SIGNAL PULSE RESPONSE
(AVCL = +2)
TIME (10ns/div)
MAX4112/MAX4117/MAX4119
SMALL-SIGNAL GAIN vs. FREQUENCY
(AVCL = +5, +10)
0.1
10
1
100
1000
FREQUENCY (MHz)
-6
-5
-3
-4
-1
-2
0
1
2
4
3
VOUT ≤ 100mVp-p
AV = +5V/V
RF = 499Ω
RG = 124Ω
AV = +10V/V
RF = 499Ω
RG = 54.9Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com