Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX445 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX445
Description  Low-Cost, High-Resolution, 200MHz Video CRT Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX445 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX445 Datasheet HTML 1Page - Maxim Integrated Products MAX445 Datasheet HTML 2Page - Maxim Integrated Products MAX445 Datasheet HTML 3Page - Maxim Integrated Products MAX445 Datasheet HTML 4Page - Maxim Integrated Products MAX445 Datasheet HTML 5Page - Maxim Integrated Products MAX445 Datasheet HTML 6Page - Maxim Integrated Products MAX445 Datasheet HTML 7Page - Maxim Integrated Products MAX445 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Low-Cost, High-Resolution, 200MHz
Video CRT Driver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VAA = 20V, VCB = 10V ±0.5V, VCC = 10V ±0.5V, VEE = -10.5V ±0.5V, VIN = (VIN+) - (VIN-) = 0V, CONTRAST = 1.0V,
OFFSET = 1.0V, RL = 0Ω, BLANK = 0.4V, TCASE = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VAA Output Supply.................................................................80V
VAA Output Supply with Respect to VCB...............................70V
VCB Common-Base Supply ...................................................20V
VCC Positive Supply ............................................................12.5V
VEE Negative Supply..........................................................-12.5V
Differential Input Voltage..........................................................2V
Common-Mode Input Voltage................................................±2V
Contrast Input Voltage.................................................-1V to +6V
Offset Input Voltage.....................................................-1V to +6V
Blank Input Voltage .....................................................-1V to +6V
Bandgap-Reference Output Current ...................................-5mA
Continuous Power Dissipation
derate at 170mW/°C above TCASE = +90°C.......................10W
Operating Junction Temperature ......................-55°C to +150°C
Storage Temperature.........................................-55°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
OFFSET = 0V, RLOAD = 100Ω
VIN = 0.2V, OFFSET = 0V
CONTRAST = 4.0V, OFFSET = 1.0V
IVEE + IVEEO
CONTRAST = 0V
CONTRAST = 1.0V
CONTRAST = 5.0V
BLANK = 2.4V, CONTRAST = 5.0V,
∆VIN- = 0.3V
CONTRAST = 0V to 5V
TC = +25°C to +90°C
VCM = ±0.5V, CONTRAST = 5.0V
BLANK = 2.4V, OFFSET = 3V
BLANK = 2.4V, OFFSET = 1V, VAA = 75V
OFFSET = 1.0V
VCC, VEE = ±5%, VIN = +250mV,
CONTRAST = 5.0V, referred to input
BLANK = 0.4V
BLANK = 2.4V
ILOAD = 2mA
CONTRAST = 5.0V
CONDITIONS
MHz
200
BW
Bandwidth, 3dB
%
±3
Contrast Linearity Error (
∆Gm/∆Contrast)
%
±2
Amplifier Linearity Error (
∆Gm/∆VIN)
-25
25
70
120
mA/V
400
600
Gm
Transconductance, IOUT to VIN
mA
±1
∆IOUT
Output Current Change vs. VIN, Blanked
mA
±10
∆IOUT
Output Current Change vs. Contrast ADJ
mA
±3
∆IOUT
Output Current Change vs. Temperature
±1
mA
±1
IOUT
Output Current (Blanked)
V
5.25
5.75
VREF
Reference Output Voltage
pF
2
CIN
VIN+ or VIN- Input Capacitance
mA
-100
IEE
Negative Supply Current
mA
70
ICC
mA
40
ICB
Output-Common-Base Supply Current
Positive Supply Current
k
Ω
10
RVIN
VIN+ or VIN- DC Input Impedance
dB
36
CMRR
Input Common-Mode Rejection Ratio
µA
-50
50
IIS
VIN+ or VIN- Signal Input Current
µA
010
IIB
Offset Input Bias Current
dB
25
PSRR
Power-Supply Rejection Ratio
mA
-0.6
0
IIL
Low Blank Input Bias Current
mA
-0.4
0
IIH
High Blank Input Bias Current
µA
010
IIC
Contrast Input Bias Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
OFFSET = 5.0V, CONTRAST = 1V
OFFSET = 0V, CONTRAST = 4.0V
80
140
mA
-0.1
25
IOUT
Output Current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com