Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX4511C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4511C/D
Description  Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4511C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4511C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Quad, Rail-to-Rail, Fault-Protected,
SPST Analog Switches
_______________________________________________________________________________________
7
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0
100
50
250
200
150
300
350
-20
-5
0
-15
-10
5
10
15
20
SWITCH ON-RESISTANCE
vs. VCOM (DUAL SUPPLIES)
VCOM (V)
V+ = +5V
V- = -5V
V+ = +10V
V- = -10V
V+ = +15V
V- = -15V
V+ = +12V
V- = -12V
V+ = +20V
V- = -20V
0
80
60
20
40
160
140
100
120
180
200
-15
-5
0
-10
5
10
15
SWITCH ON-RESISTANCE vs. VCOM AND
TEMPERATURE (DUAL SUPPLIES)
VCOM (V)
TA = +125°C
TA = -55°C
V+ = +15V
V- = -15V
TA = -40°C
TA = +25°C
TA = +85°C
1000
100
0
5
10
15
20
25
30
SWITCH ON-RESISTANCE
vs. VCOM (SINGLE SUPPLY)
VCOM (V)
V+ = +12V
V+ = +5V
V- = 0
V+ = +15V
V+ = +20V
V+ = +24V
V+ = +30V
0
50
200
150
100
300
350
250
400
04
6
2
8
10
12
SWITCH ON-RESISTANCE vs. VCOM
AND TEMPERATURE (SINGLE SUPPLY)
VCOM (V)
TA = +125°C
TA = +85°C
TA = +25°C TA = -40°C
TA = -55°C
V+ = +12V
0
300
200
100
700
800
600
500
400
900
1000
0
5
10
15
20
ON AND OFF TIMES
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (±V)
tON
(SINGLE SUPPLY)
tON
(DUAL SUPPLIES)
tOFF
(DUAL SUPPLIES)
tOFF
(SINGLE
SUPPLY)
1p
10p
100p
1n
10n
100n
-50
0
-25
25
50
75
100 125 150
ID(ON), IS(OFF), AND ID(OFF)
LEAKAGES vs. TEMPERATURE
TEMPERATURE (°C)
INO(OFF) @VNO = -14V,
VCOM = +14V
ICOM(ON) @VNO
= VCOM = +14V
INO(OFF) @VNO = +14V,
VCOM = -14V
ICOM(OFF) @VNO = -14V,
VCOM = +14V
ICOM(OFF) @VNO = +14V,
VCOM = -14V
ICOM(ON) @VNO
= VCOM = -14V
0
2
8
10
6
4
12
14
-15
-10
-5
0
5
10
15
CHARGE INJECTION
vs. VCOM (DUAL SUPPLIES)
VCOM (V)
DUAL ±15V
SUPPLIES
SINGLE +12V
SUPPLY
V+ = +15V
V- = -15V
0
100
300
200
500
400
600
-50
0
25
-25
50
75
100
125
ON AND OFF TIMES
vs. TEMPERATURE
TEMPERATURE (°C)
tON
tOFF
0
100
300
200
500
400
600
-50
0
25
-25
50
75
100
125
POWER-SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
IV+
IV-
IGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com