Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX4508C/D Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX4508C/D
Description  Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4508C/D Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX4508C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 13Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 14Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 15Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Fault-Protected, High-Voltage
Single 8-to-1/Dual 4-to-1 Multiplexers
14
______________________________________________________________________________________
+15V
-15V
GND
V+
A2
V-
A1
A0
NO8
MAX4508
CHANNEL
SELECT
NO1
COM
EN
1MHz
CAPACITANCE
ANALYZER
f = 1MHz
+25V
-25V
-15V
+15V
VCOM_
VNO_
Figure 8. NO_, COM_ Capacitance
Figure 9. Transient Behavior of Fault Condition
Test Circuits/Timing Diagrams (continued)
Functional Diagrams/Truth Tables
DECODERS / DRIVERS
COM
NO1
NO2
NO3
NO4
NO5
NO6
NO7
NO8
A0
A1
A2
EN
V+
V-
GND
MAX4508
A0
A1
A2
EN
ON SWITCH
X
0
0
0
0
1
1
1
1
X
0
0
1
1
0
0
1
1
X
0
1
0
1
0
1
0
1
0
1
1
1
1
1
1
1
1
NONE
1
2
3
4
5
6
7
8
LOGIC "O" VAL ≤ +0.8V, LOGIC "1" VAH ≥ +2.4V
MAX4508
DECODERS / DRIVERS
COMA
NO1A
NO2A
NO3A
NO4A
A0
A1
EN
V+
V-
GND
MAX4509
COMB
NO1B
NO2B
NO3B
NO4B
A0
A1
EN
ON SWITCH
X
0
0
1
1
X
0
1
0
1
0
1
1
1
1
NONE
1
2
3
4
LOGIC "O" VAL ≤ +0.8V, LOGIC "1" VAH ≥ +2.4V
MAX4509



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com