Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX4560EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4560EEE
Description  짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4560EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4560EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4560EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4560EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4560EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4560EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4560EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4560EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4560EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4560EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
C, E
Ω
Total Harmonic Distortion
THD
180
RL = 600Ω, TBD = 5Vp-p, f = 20Hz to
±15kV ESD-Protected, Low-Voltage, CMOS
Analog Multiplexers/Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Dual ±5V Supplies (continued)
(VCC = +4.5V to +5.5V, VEE = -4.5V to -5.5V, V_H = +2.4V, V_L = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.)
mA
110
+25°C
CL = 15pF; RL = 50Ω; f = 100kHz;
VX_, VY_, VZ_ = 1VRMS; Figure 4
-96
CONDITIONS
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
TA
VISO
Off-Isolation
dB
+25°C
CL = 15pF; RL = 50Ω; f = 100kHz;
VX_, VY_, VZ_ = 1VRMS; Figure 4
dB
VCT
Channel-to-Channel Crosstalk
-93
+25°C
IH+
ESD SCR Positive Holding
Current
70
+85°C
IH-
ESD SCR Negative Holding
Current
65
+85°C
mA
95
+25°C
RL = 600Ω; VX_, VY_, VZ_ = 5Vp-p;
f = 20Hz to 20kHz
0.02
THD
Total Harmonic Distortion
%
+25°C
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(VCC = +4.5V to +5.5V, VEE = 0, V_H = +2.4V, V_L = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
C, E
VCC = 4.5V; IX, IY, IZ = 1mA;
VX, VY, VZ = 3V
Ω
350
RON
On-Resistance
150
220
C, E
-10
10
VCC = 4.5V; IX, IY, IZ = 1mA;
VX, VY, VZ = 3V
MAX4558
Ω
MAX4558
310
∆RON
MAX4559
MAX4560
MAX4559
MAX4560
V
0V+
VX_, VY_,
VZ_, VX,
VY, VZ
Analog Signal Range
-20
20
-2
0.002
2
VCC = 5.5V;
VX_, VY_, VZ_ = 1V, 4.5V;
VX, VY, VZ = 1V, 4.5V
On-Resistance Match
Between Channels
(Note 3, 6)
nA
-10
0.002
10
IX(ON),
IY(ON),
IZ(ON)
X, Y, Z On-Leakage Current
(Note 6)
VCC = 5.5V; VX, VY, VZ = 1V, 4.5V,
VX, VY, VZ = 4.5V, 1V
-1
0.002
1
C, E
+25°C
-20
20
C, E
+25°C
12
-2
0.002
2
VCC = 5.5V;
VX_, VY_, VZ_ = 1V, 4.5V;
VX, VY, VZ = 4.5V, 1V
nA
-1
0.002
1
IX_(OFF),
IY_(OFF),
IZ_(OFF)
X_, Y_ , Z_ Off-Leakage
Current (Note 6)
nA
-10
10
IX(OFF),
IY(OFF),
IZ(OFF)
X, Y, Z Off-Leakage Current
(Note 6)
-1
0.002
1
CONDITIONS
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
TA
C, E
C, E
+25°C
+25°C
+25°C
C, E
+25°C
C, E
+25°C
ANALOG SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com