Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SB857 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2SB857
Description  Silicon PNP Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SB857 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SB857_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SB857_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SB857_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SB857_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
JMnic
Product Specification
2
Silicon PNP Power Transistors
2SB857 2SB858
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2SB857
-50
V(BR)CEO
Collector-emitter
breakdown voltage
2SB858
IC=-50mA; RBE=∞
-60
V
V(BR)CBO
Collector-base breakdown voltage
IC=-10μA; IE=0
-70
V
V(BR)EBO
Emitter-base breakdown votage
IE=-10μA; IC=0
-5
V
VCEsat
Collector-emitter saturation voltage
IC=-2 A;IB=-0.2 A
-1.0
V
VBE
Base-emitter voltage
IC=-1A ; VCE=-4V
-1.0
V
ICBO
Collector cut-off current
VCB=-50V; IE=0
-1
μA
hFE-1
DC current gain
IC=-1A ; VCE=-4V
60
320
hFE-2
DC current gain
IC=-0.1A ; VCE=-4V
35
fT
Transition frequency
IC=-0.5A ; VCE=-4V
15
MHz
hFE-1 classifications
B
C
D
60-120
100-200
160-320



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com