Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M241 Datasheet(PDF) 1 Page - Solid State Optronic

Part # M241
Description  Miniature 4 pin SOP package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

M241 Datasheet(HTML) 1 Page - Solid State Optronic

  M241 Datasheet HTML 1Page - Solid State Optronic M241 Datasheet HTML 2Page - Solid State Optronic M241 Datasheet HTML 3Page - Solid State Optronic M241 Datasheet HTML 4Page - Solid State Optronic M241 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
M241
1 Form A
Solid State Relay
The M241 is a bi-directional, single-pole, single-throw, normally open multipurpose solid-state relay in a miniature 4-pin small outline
package. It is designed to replace electromechanical relays in general purpose switching applications. The relay consists of an integrated
circuit that drives two rugged source-to-source enhancement type DMOS transistors - optically coupled to a light emitting diode. The
output MOS transistors are protected with free-wheeling diodes that can handle up to 5A of inrush current, making the relay ideal for
switching lamps and highly inductive loads.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
Miniature 4 pin SOP package
•
Low input power consumption (2.5mA TYP)
•
150mA maximum continuous load current
•
8 ohms maximum on-resistance
•
Blocking Voltage 200V
•
Long life/high reliability
•
Multiplexers
•
Meter reading systems
•
Data Acquisition
•
Medical equipment
•
Battery monitoring
•
Home/Safety security systems
•
Tape and Reel (2,000 pcs per reel)
• -TR
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
85
Continuous Forward
Current
mA
50
Peak Forward Current
(1us)
A
1
Reverse Input Control
Voltage
V
5
Output Power Dissipation
mW
400
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
UL / C-UL Approved: File E201932
•
www.ssousa.com • +1.408.293.4600
Page 1 of 5
M241
rev 1.43 (2/9/2010)
© 2010 Solid State Optronics • San José, CA


Similar Part No. - M241

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
M241 SOLIDSTATE-M241 Datasheet
171Kb / 5P
Miniature 4 pin SOP package
logo
Alpha Wire
M2410 ALPHAWIRE-M2410 Datasheet
410Kb / 4P
28 (7/36) AWG Tinned Copper
M2412 ALPHAWIRE-M2412 Datasheet
410Kb / 4P
28 (7/36) AWG Tinned Copper
logo
STMicroelectronics
M24128 STMICROELECTRONICS-M24128 Datasheet
135Kb / 17P
256/128 Kbit Serial I²C Bus EEPROM Without Chip Enable Lines
01-Jun-2001
M24128 STMICROELECTRONICS-M24128 Datasheet
289Kb / 34P
128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
17-Oct-2006
More results

Similar Description - M241

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL354 EVERLIGHT-EL354 Datasheet
316Kb / 11P
4 PIN SOP PHOTOTRANSISTOR
EL3H4-G EVERLIGHT-EL3H4-G Datasheet
453Kb / 11P
4 PIN SOP PHOTOTRANSISTOR
EL354N-G EVERLIGHT-EL354N-G Datasheet
407Kb / 11P
4 PIN SOP PHOTOTRANSISTOR
logo
Renesas Technology Corp
PS2761B-1 RENESAS-PS2761B-1_15 Datasheet
282Kb / 15P
4-PIN SOP PHOTOCOUPLER
logo
Solid State Optronic
MD203 SSOUSA-MD203 Datasheet
210Kb / 7P
Miniature 4 pin SOP package
SAT470 SSOUSA-SAT470 Datasheet
339Kb / 8P
Ultra miniature 4 pin SSOP package
SM4202 SSOUSA-SM4202 Datasheet
212Kb / 7P
Miniature 4 pin SOP package
SM4203 SSOUSA-SM4203 Datasheet
212Kb / 7P
Miniature 4 pin SOP package
SM4205 SSOUSA-SM4205 Datasheet
212Kb / 7P
Miniature 4 pin SOP package
SM4206 SSOUSA-SM4206 Datasheet
212Kb / 7P
Miniature 4 pin SOP package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com