Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS874S02I Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS874S02I
Description  One differential clock input pair
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS874S02I Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS874S02I Datasheet HTML 8Page - Integrated Device Technology ICS874S02I Datasheet HTML 9Page - Integrated Device Technology ICS874S02I Datasheet HTML 10Page - Integrated Device Technology ICS874S02I Datasheet HTML 11Page - Integrated Device Technology ICS874S02I Datasheet HTML 12Page - Integrated Device Technology ICS874S02I Datasheet HTML 13Page - Integrated Device Technology ICS874S02I Datasheet HTML 14Page - Integrated Device Technology ICS874S02I Datasheet HTML 15Page - Integrated Device Technology ICS874S02I Datasheet HTML 16Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ICS874S02I
1:1 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
IDT™ / ICS™ LVDS CLOCK GENERATOR
13
ICS874S02BMI REV. AOCTOBER 16, 2008
Power Considerations
This section provides information on power dissipation and junction temperature for the ICS874S02I.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the ICS874S02I is the sum of the core power plus the analog power plus the power dissipated in the load(s).
The following is the power dissipation for VDD = 3.3V + 5% = 3.465V, which gives worst case results.
•
The maximum current at 85°C is as follows:
IDD_MAX = 93mA
IDDA_MAX = 19mA
IDDO_MAX = 36mA
•
Power (core)MAX = VDD_MAX * (IDD_MAX + IDDA_MAX) = 3.465V * (93mA + 19mA) = 388.08mW
•
Power (outputs)MAX = VDDO_MAX * IDDO_MAX = 3.465V * 36mA = 124.74mW
Total Power_MAX = 388.08mW + 124.74mW = 512.82mW
•
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the device.
The maximum recommended junction temperature for HiPerClockS devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming no air flow
and a multi-layer board, the appropriate value is 64.7°C/W per Table 7 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.513W * 64.7°C/W = 118.2°C. This is well below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type
of board (single layer or multi-layer).
Table 7. Thermal Resistance θJA for 20 Lead SOIC, Forced Convection
θ
JA by Velocity
Linear Feet per Minute
0200
500
Multi-Layer PCB, JEDEC Standard Test Boards
64.7°C/W
56.7°C/W
53.5°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com