Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS8312 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS8312
Description  Maximum output frequency
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8312 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS8312 Datasheet HTML 1Page - Integrated Device Technology ICS8312 Datasheet HTML 2Page - Integrated Device Technology ICS8312 Datasheet HTML 3Page - Integrated Device Technology ICS8312 Datasheet HTML 4Page - Integrated Device Technology ICS8312 Datasheet HTML 5Page - Integrated Device Technology ICS8312 Datasheet HTML 6Page - Integrated Device Technology ICS8312 Datasheet HTML 7Page - Integrated Device Technology ICS8312 Datasheet HTML 8Page - Integrated Device Technology ICS8312 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ICS8312
LOW SKEW, 1-TO-12 LVCMOS/LVTTL FANOUT BUFFER
IDT™ / ICS™ LVCMOS/LVTTL FANOUT BUFFER
2
ICS8312AY REV. D JULY 3, 2008
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 5, 8, 12, 16,
17, 21, 25, 29
GND
Power
Power supply ground.
2, 7
VDD
Power
Positive supply pins.
3
CLK_EN
Input
Pullup
Synchronous control for enabling and disabling clock outputs.
LVCMOS / LVTTL interface levels.
4
CLK
Input
Pulldown
Single-ended clock input. LVCMOS/LVTTL interface levels.
6
OE
Input
Pullup
Output enable. Controls enabling and disabling of outputs Q[0:11].
LVCMOS / LVTTL interface levels.
9, 11, 13, 15,
18, 20, 22, 24,
26, 28, 30, 32
Q11, Q10, Q9, Q8,
Q7, Q6, Q5, Q4,
Q3, Q2, Q1, Q0
Output
Single-ended clock outputs. LVCMOS/LVTTL interface levels.
10, 14, 19, 23,
27, 31
VDDO
Power
Output supply pins.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLUP
Input Pullup Resistor
51
k
Ω
RPULLDOWN Input Pulldown Resistor
51
k
Ω
CPD
Power Dissipation Capacitance
(per output)
VDDO = 3.465V
19
pF
VDDO = 2.625V
18
pF
VDDO = 2V
16
pF
ROUT
Output Impedance
VDDO = 3.3V ± 5%
7
Ω
VDDO = 2.5V ± 5%
7
Ω
VDDO = 1.8V ± 0.2V
10
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com