Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX5158EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5158EEE
Description  Low-Power, Dual, 10-Bit, Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5158EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5158EEE Datasheet HTML 1Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 2Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 3Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 4Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 5Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 6Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 7Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX5158/MAX5159 low-power, serial, voltage-
output, dual, 10-bit digital-to-analog converters (DACs)
consume only 500µA from a single +5V (MAX5158) or
+3V (MAX5159) supply. These devices feature Rail-to-
Rail® output swing and are available in a space-saving
16-pin QSOP package. To maximize dynamic range, the
DAC output amplifiers are configured with an internal gain
of +2V/V.
The 3-wire serial interface is SPI™/QSPI™ and
Microwire™ compatible. Each DAC has a double-
buffered input organized as an input register followed by
a DAC register, which allows the input and DAC registers
to be updated independently or simultaneously with a
16-bit serial word. Additional features include a 2µA pro-
grammable shutdown, hardware-shutdown lockout, a
separate reference-voltage input for each DAC that
accepts AC and DC signals, and an active-low clear input
(CL) that resets all registers and DACs to zero. The
MAX5158/MAX5159 provide a programmable logic pin
for added functionality and a serial-data output pin for
daisy chaining.
________________________Applications
Digital Offset and Gain Adjustment
µP-Controlled Systems
Motion Control
Remote Industrial Controls
____________________________Features
o 10-Bit Dual DAC with Internal Gain of +2V/V
o Rail-to-Rail Output Swing
o 8µs Settling Time
o Single-Supply Operation: +5V (MAX5158)
+3V (MAX5159)
o Low Quiescent Current: 500µA (normal operation)
2µA (shutdown mode)
o SPI/QSPI and Microwire Compatible
o Available in Space-Saving 16-Pin QSOP Package
o Power-On Reset Clears Registers and DACs to Zero
o Adjustable Output Offset
______________Ordering Information
Rail-to-Rail is a registered trademark of Nippon Motorola Ltd. Microwire is a trademark of National Semiconductor Corp.
SPI and QSPI are trademarks of Motorola, Inc.
Ordering Information continued at end of data sheet.
*
Contact factory for availability.
REFA
VDD
AGND
DGND
PDL
CL
DOUT
16-BIT
SHIFT
REGISTER
SR
CONTROL
INPUT
REG A
INPUT
REG B
SCLK
UPO
REFB
DIN
CS
DAC B
DAC A
DAC
REG A
LOGIC
OUTPUT
DECODE
CONTROL
DAC
REG B
MAX5158
MAX5159
OUTB
R
R
R
R
OSB
OUTA
OSA
_________________________________________________________Functional Diagram
Low-Power, Dual, 10-Bit, Voltage-Output DACs
with Serial Interface
________________________________________________________________
Maxim Integrated Products
1
19-1315; Rev 1; 12/97
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
For small orders, phone 408-737-7600 ext. 3468.
PIN-PACKAGE
TEMP. RANGE
PART
16 QSOP
-40°C to +85°C
MAX5158EEE
16 Plastic DIP
16 QSOP
16 Plastic DIP
0°C to +70°C
0°C to +70°C
-40°C to +85°C
MAX5158EPE
MAX5158CEE
MAX5158CPE
16 CERDIP*
-55°C to +125°C
MAX5158MJE


Similar Part No. - MAX5158EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX515 MAXIM-MAX515 Datasheet
174Kb / 16P
5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
Rev 2; 11/96
MAX5150 MAXIM-MAX5150 Datasheet
188Kb / 16P
Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX5150ACEE MAXIM-MAX5150ACEE Datasheet
188Kb / 16P
Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX5150ACPE MAXIM-MAX5150ACPE Datasheet
188Kb / 16P
Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX5150AEEE MAXIM-MAX5150AEEE Datasheet
188Kb / 16P
Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
More results

Similar Description - MAX5158EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5150 MAXIM-MAX5150 Datasheet
188Kb / 16P
Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5721 MAXIM-MAX5721 Datasheet
643Kb / 14P
10-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
logo
IC MICROSYSTEMS
ICM7373 ICMIC-ICM7373 Datasheet
121Kb / 11P
Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain
ICM7562 ICMIC-ICM7562 Datasheet
186Kb / 10P
12/10/8-Bit Low Power Dual DACs With Serial Interface and Voltage Output
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com