Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

52-PV6F2PX11341 Datasheet(PDF) 1 Page - E-SWITCH

Part # 52-PV6F2PX11341
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

52-PV6F2PX11341 Datasheet(HTML) 1 Page - E-SWITCH

  52-PV6F2PX11341_15 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PV6F2PX11-341
2:1
2/2/2015
52-PV6F2PX11341
A
rc
1
1
PANEL CUTOUT
MAX. PANEL THICKNESS
10.0mm [.315 in]
A
21779
RELEASE FOR PRODUCTION
2/2/15
rc
18.00
[.709 in]
1.50
[.059 in]
15.50
[.610 in]
16.50 .50
.650 .020 in
[]
20.00 .50
.787 .020 in
[]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. OPERATING TEMP.: -20°C to 55°C
4.
DENOTES CRITICAL PARAMETER.
5. ILLUMINATION COLOR: BLUE
6. HARDWARE SUPPLIED: O-RING AND HEXNUT (NOT SHOWN)
7. ILLUMINATION BASE RATING: 20mA 2.8V
8. 2002/95/EC (ROHS) COMPLIANT
16.00
[.630 in]
RING ILLUMINATION
FLAT ACTUATOR
BLACK
M16x1.0
NOTE 15
HARDWARE SUPPLIED
BODY FINISH
BLACK
8.40
[.331 in]
L
+
LAMP INDICATOR
CONTACT CONFIGURATION
-
LED
POLARITY
MARKINGS


Similar Part No. - 52-PV6F2PX11341_15

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV6F2PX11341 E-SWITCH-52-PV6F2PX11341 Datasheet
194Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - 52-PV6F2PX11341_15

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com