Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX5151AEEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5151AEEE
Description  Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5151AEEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5151AEEE Datasheet HTML 1Page - Maxim Integrated Products MAX5151AEEE Datasheet HTML 2Page - Maxim Integrated Products MAX5151AEEE Datasheet HTML 3Page - Maxim Integrated Products MAX5151AEEE Datasheet HTML 4Page - Maxim Integrated Products MAX5151AEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5151AEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5151AEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5151AEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5151AEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Resolution
Low-Power, Dual, 13-Bit Voltage-Output DACs
with Serial Interface
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX5151
(VDD = +2.7V to +3.6V, VREFA = VREFB = 1.25V, RL = 10kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C (OS_ pins tied to AGND for a gain of +2).)
nV-s
5
Digital Crosstalk
CS = VDD, fDIN = 100kHz, VSCLK = 3Vp-p
nV-s
5
Digital Feedthrough
µs
25
Time Required for Valid
Operation after Shutdown
Input code = 1FFF hex,
VREF_ = 1Vp-p at 1VDC, f = 15kHz
dB
73
SINAD
Signal-to-Noise plus
Distortion Ratio
(Note 4)
Input code = 0000 hex,
VREF_ = (VDD - 1.4)Vp-p at 1kHz
Input code = 1FFF hex,
VREF_ = 0.67Vp-p at 0.75VDC
CL, PDL, CS, DIN, SCLK
2.7V
≤ VDD ≤ 3.6V
Minimum with code 1555 hex
Normalized to 1.25V
Guaranteed monotonic
Code = 20
Normalized to 1.25V
V
0.8
VIL
Input Low Voltage
VIN = 0V to VDD
µA
0
±1
IIN
Input Leakage Current
pF
8
CIN
Input Capacitance
mV
200
VHYS
Input Hysteresis
CL, PDL, CS, DIN, SCLK
V
dB
-82
Reference Feedthrough
kHz
300
Reference 3dB Bandwidth
2.2
VIH
Input High Voltage
k
Ω
14
20
RREF
Reference Input Resistance
±2
MAX5151A
MAX5151B
LSB
±1
INL
Bits
13
Integral Nonlinearity
PSRR
VDD Power-Supply
Rejection Ratio
µV/V
40
320
ppm/°C
6.5
Gain-Error Tempco
LSB
±1
DNL
Differential Nonlinearity
mV
±6
Vos
Offset Error
ppm/°C
6.5
TCVos
Offset Tempco
mV
-0.2
±5
Gain Error
Rail-to-rail (Note 5)
ISOURCE = 2mA
k
Ω
24
34
ROS
OSA or OSB Input Resistance
V
0 to VDD
Output Voltage Swing
V
VDD - 0.5
VOH
Output High Voltage
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
REF
Reference Input Range
V
0
VDD - 1.4
DIGITAL OUTPUTS
ISINK = 2mA
V
0.13
0.4
VOL
Output Low Voltage
To 1/2LSB of full-scale, VSTEP = 2.5V
µs
16
Output Settling Time
V/µs
0.75
SR
Voltage Output Slew Rate
REFERENCE INPUT (VREF)
MULTIPLYING-MODE PERFORMANCE
DIGITAL INPUTS
STATIC PERFORMANCE—ANALOG
DYNAMIC PERFORMANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com