Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPT-XF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TPT-XF
Description  TPT/XFTwisted Pair Transceivers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TPT-XF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TPT-XF Datasheet HTML 1Page - List of Unclassifed Manufacturers TPT-XF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Function
Twisted pair transceiver
Data Communications Type
Transformer-isolated, Differential Manchester coding
Isolation Between Network and I/O
0-60 Hz (60 seconds): 1000VRMS
Connectors2
0-60 Hz (continuous): 277VRMS
Common Mode Range
0-60 Hz 277VRMS
Electrostatic Discharge Network Connector
No errors to 15,000V, no hard failures to 20,000V tested per MIL-STD 883
EMI
Designed to comply with FCC Part 15 Level B and VDE 0871 Level B
Listings
UL 1950, CSA C22.2 No. 950, TÜV EN60950
Bit Rate
TPT/XF-78: 78kbps
TPT/XF-1250: 1.25Mbps
Maximum Nodes Per Channel
TPT/XF-78:
64 (0 to +70°C), 44 (-40 to +85°C)
TPT/XF-1250:4
64 (0 to +70°C), 32 (-20 to +85°C), 16 (-40 to +85°C)
Network Bus Wiring
Level 4, 22AWG twisted pair3
Network Bus Length
TPT/XF-78:
1400 m (4600 feet) worst case1
TPT/XF-1250:
130 m (430 feet) worst case1
Maximum Stub Length
TP/XF-78: 3 m (9.8 feet)
TP/XF-1250: 0.3 m (12
″)
Network Bus Polarity
Polarity insensitive
Power-down Bus Protection
High impedance when unpowered
Supply Voltage
+5VDC ±5%
Typical Supply Current
10mA
Communication Port Connector
1 x 6 0.64 mm x 0.64 mm (0.025
″ x 0.025″) post, 2.54 mm (0.1”) centers, tin plated
Network Connector
1 x 3 0.64 mm x 0.64 mm (0.025
″ x 0.025″) post, 2.54 mm (0.1”) centers, tin plated
Network Terminators
Required at both ends of network
Operating Temperature
-40 to +85°C
Non-operating Temperature
-40 to +85°C
Operating Humidity (non-condensing)
25-90% RH @ +70°C
Non-operating Humidity
(non-condensing)
95% RH @ +70°C
Dimensions
38 mm x 15 mm x 20 mm, (1.5
″ x 0.59″ x 0.8″)
Recommended Hole Pattern
0.041
″ diameter holes on 0.1″ grid
Ordering Information
Product
Echelon Model Number
TPT/XF-78 Module
50010-10, 50010R-10
TPT/XF-1250 Module
50020-10, 50020R-10
LONWORKS TPT Twisted Pair Transceiver Module User’s Guide
078-0025-01
(order separately–not shipped with product)
Notes:
1. Worst case distance figures are based on variations in node distribution, node temperature, node voltage, wire characteristics, transceiver characteristics, and Neuron Chip
characteristics, and allow for an average wire temperature of up to +55°C.
2. Safety agency hazardous voltage barrier requirements are not supported.
3. For wire specifications, see Junction Box and Wiring Guidelines for Twisted Pair LONWORKS Networks, 005-0023-01 Rev D or later.
4. Proper operation of TPT/XF-1250 segments requires that no more than eight (8) TPT/XF-1250 and/or TP/XF-1250 modules be used in any 16-meter (53 feet) sections of bus
wiring.
* Neuron Chips and TPT transceivers were not designed for use in equipment or systems which involve danger to human health or safety or a risk of property damage and
Echelon assumes no responsibility or liability for use of the Neuron Chips or TPT Transceivers in such applications.
www .echelon.com
Copyright © 2001-2006, Echelon Corporation. Echelon, LON, LONWORKS, LONMARK, LonBuilder, NodeBuilder, LonManager, LonTalk, LonUsers, LonPoint, Digital Home, Neuron, 3120, 3150, LNS, i.LON, LONWORLD, ShortStack,
Panoramix, LonMaker, the Echelon logo, and the LonUsers logo are trademarks of Echelon Corporation registered in the United States and other countries. LonLink, LonResponse, LonSupport, LONews, Open Systems Alliance,
OpenLDV, Powered by Echelon, LNS Powered by Echelon, Panoramix Powered by Echelon, LONWORKS Powered by Echelon, Networked Energy Services Powered by Echelon, NES Powered by Echelon, Digital Home Powered by
Echelon, Pyxos, and Thinking Inside the Box are trademarks of Echelon Corporation. Other trademarks belong to their respective holders.
Disclaimer
Neuron Chips, Free Topology Twisted Pair Transceiver Modules, and other OEM Products were not designed for use in equipment or systems which involve danger to human health or safety or a risk of property damage and Echelon
assumes no responsibility or liability for use of the Neuron Chips or Free Topology Twisted Pair Transceiver Modules in such applications. ECHELON MAKES AND YOU RECEIVE NO WARRANTIES OR CONDITIONS, EXPRESS,
IMPLIED, STATUTORY OR IN ANY COMMUNICATION WITH YOU, AND ECHELON SPECIFICALLY DISCLAIMS ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. 003-0324-01B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com