Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX534BC/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX534BC/D
Description  5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX534BC/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX534BC/D Datasheet HTML 4Page - Maxim Integrated Products MAX534BC/D Datasheet HTML 5Page - Maxim Integrated Products MAX534BC/D Datasheet HTML 6Page - Maxim Integrated Products MAX534BC/D Datasheet HTML 7Page - Maxim Integrated Products MAX534BC/D Datasheet HTML 8Page - Maxim Integrated Products MAX534BC/D Datasheet HTML 9Page - Maxim Integrated Products MAX534BC/D Datasheet HTML 10Page - Maxim Integrated Products MAX534BC/D Datasheet HTML 11Page - Maxim Integrated Products MAX534BC/D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
+5V, Low-Power, 8-Bit Quad DAC
with Rail-to-Rail Output Buffers
8
_______________________________________________________________________________________
_______________Detailed Description
Serial Interface
At power-on, the serial interface and all digital-to-
analog converters (DACs) are cleared and set to code
zero. The serial data output (DOUT) is set to transition
on SCLK’s falling edge.
The MAX534 communicates with microprocessors
through a synchronous, full-duplex, 3-wire interface
(Figure 1). Data is sent MSB first and can be transmit-
ted in one 4-bit and one 8-bit (byte) packet or in one
12-bit word. If a 16-bit word is used, the first four bits
are ignored. A 4-wire interface adds a line for
LDAC
and allows asynchronous updating. The serial clock
(SCLK) synchronizes the data transfer. Data is transmit-
ted and received simultaneously.
Figure 2 shows the detailed serial-interface timing.
Please note that the clock should be low if it is stopped
between updates. DOUT does not go into a high-
impedance state if the clock idles or
CS is high.
Serial data is clocked into the data registers in MSB-first
format, with the address and configuration information
preceding the actual DAC data. Data is clocked in on
SCLK’s rising edge while
CS is low. Data at DOUT is
clocked out 12 clock cycles later, either at SCLK’s falling
edge (default or mode 0) or rising edge (mode 1).
Chip select (
CS) must be low to enable the DAC. If CS
is high, the interface is disabled and DOUT remains
unchanged.
CS must go low at least 40ns before the
first rising edge of the clock pulse to properly clock in
the first bit. With
CS low, data is clocked into the
MAX534’s internal shift register on the rising edge of
the external serial clock. Always clock in the full 12 bits
because each time
CS goes high the bits currently in
the input shift register are interpreted as a command.
SCLK can be driven at rates up to 10MHz.
Serial Input Data Format and Control Codes
The 12-bit serial input format shown in Figure 3 com-
prises two DAC address bits (A1, A0), two control bits
(C1, C0), and eight bits of data (D7...D0).
The 4-bit address/control code configures the DAC as
shown in Table 1.
Load Input Register, DAC Registers Unchanged
(Single Update Operation)
When performing a single update operation, A1 and A0
select the respective input register. At the rising edge
of
CS, the selected input register is loaded with the cur-
rent shift-register data. All DAC outputs remain
unchanged. This preloads individual data in the input
register without changing the DAC outputs.
Load Input and DAC Registers
This command directly loads the selected DAC register
at
CS’s rising edge. A1 and A0 set the DAC address.
Current shift-register data is placed in the selected
input and DAC registers.
For example, to load all four DAC registers simultaneously
with individual settings (DAC A = 1V, DAC B = 2V,
DAC C = 3V, and DAC D = 4V), four commands are
required. First, perform three single input register
update operations for DACs A, B, and C (C1 = 0). The
final command loads input register D and updates all
four DAC registers from their respective input registers.
Software “
LDAC ” Command
When this command is initiated, all DAC registers are
updated with the contents of their respective input reg-
isters at
CS’s rising edge. With the exception of using
CS to execute, this performs the same function as the
asynchronous
LDAC.
Figure 3. Serial Input Format
THIS IS THE FIRST BIT SHIFTED IN
A1 A0 C1 C0 D7
D6
...
D1
D0
DIN
DOUT
CONTROL AND
ADDRESS BITS
8-BIT DAC DATA
MSB
LSB
(
LDAC = H)
(
LDAC = 1)
(
LDAC = H)
8-Bit Data
0
1
Address
D0
D1
D2
D3
D4
D5
D6
D7
C0
C1
A0
A1
8-Bit Data
1
1
Address
D0
D1
D2
D3
D4
D5
D6
D7
C0
C1
A0
A1
xx
x
x
x
x
x
x
0
0
0
1
D0
D1
D2
D3
D4
D5
D6
D7
C0
C1
A0
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com