Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S13A1 Datasheet(PDF) 33 Page - Seiko Instruments Inc

Part # S13A1
Description  HIGH RIPPLE-REJECTION LOW DROPOUT
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S13A1 Datasheet(HTML) 33 Page - Seiko Instruments Inc

Back Button S13A1 Datasheet HTML 29Page - Seiko Instruments Inc S13A1 Datasheet HTML 30Page - Seiko Instruments Inc S13A1 Datasheet HTML 31Page - Seiko Instruments Inc S13A1 Datasheet HTML 32Page - Seiko Instruments Inc S13A1 Datasheet HTML 33Page - Seiko Instruments Inc S13A1 Datasheet HTML 34Page - Seiko Instruments Inc S13A1 Datasheet HTML 35Page - Seiko Instruments Inc S13A1 Datasheet HTML 36Page - Seiko Instruments Inc S13A1 Datasheet HTML 37Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 75 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.0_00
S-13A1 Series
Seiko Instruments Inc.
33
8. Inrush current limit circuit
The S-13A1 Series has a built-in inrush current limit circuit to limit the inrush current and the overshoot of the output
voltage generated at power-on or at the time when the ON / OFF pin is set to ON. The inrush current is limited to
500 mA typ. The inrush current limit circuit starts to operate from the following times.
• Immediately after power-on
• At the time when the ON / OFF pin is set to ON
Figure 33 shows the relation between the inrush current limit time (tRUSH) and the inrush current limit capacitor (CSS).
Typ.
Max.
Min.
2.0
1.6
1.2
0
0.8
0.2
0
0.5
1
1.5
2
CSS [nF]
0.4
0.6
1.8
1.4
1.0
Figure 33
Ta =
+25°C
(1) CSS = 0 nF
tRUSH is determined by the internal capacitor (about 20 pF) and the time constant of the built-in constant current
(about 0.04
μA). tRUSH value is 0.28 ms min., 0.40 ms typ., 0.52 ms max.
(2) CSS
≥ 1 nF
tRUSH can be adjusted by the CSS which is connected externally between the SSC pin
*1 and the VSS pin. It is
calculated by the following formula depending on the built-in constant (about 1
μA) and the CSS time constant.
The inrush current limit coefficient is 0.49 min., 0.7 typ., 0.91 max. at Ta =
+25°C.
tRUSH [ms] = the inrush current limit coefficient
× CSS [nF]
(3) 0 nF < CSS < 1 nF
Since the internal capacitor, the built-in constant current and CSS have a variation each, tRUSH is the one of following
(a) and (b) in which the time is longer.
(a) The time determined by the internal capacitor (about 20 pF) and the time constant of the built-in constant
current (about 0.04
μA).
(b) The time determined by CSS connected externally between the SSC pin
*1 and the VSS pin and the built-in
constant current (about 1
μA).
When 0 nF < CSS< 1 nF, tRUSH is the range of the shaded area shown in Figure 33.
*1. Types in which output voltage is internally set of HSOP-8A, HSOP-6, SOT-89-5 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com