Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTP4435AV8 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTP4435AV8
Description  P-Channel Enhancement Mode Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTP4435AV8 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTP4435AV8 Datasheet HTML 1Page - Cystech Electonics Corp. MTP4435AV8 Datasheet HTML 2Page - Cystech Electonics Corp. MTP4435AV8 Datasheet HTML 3Page - Cystech Electonics Corp. MTP4435AV8 Datasheet HTML 4Page - Cystech Electonics Corp. MTP4435AV8 Datasheet HTML 5Page - Cystech Electonics Corp. MTP4435AV8 Datasheet HTML 6Page - Cystech Electonics Corp. MTP4435AV8 Datasheet HTML 7Page - Cystech Electonics Corp. MTP4435AV8 Datasheet HTML 8Page - Cystech Electonics Corp. MTP4435AV8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C107V8
Issued Date : 2015.07.22
Revised Date :
Page No. : 2/9
MTP4435AV8
CYStek Product Specification
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
-30
Gate-Source Voltage
VGS
±25
V
Continuous Drain Current @ TC=25
°C, VGS=-10V
-38
Continuous Drain Current @ TC=100
°C, VGS=-10V
-24
Continuous Drain Current @ TA=25
°C, VGS=-10V
-12.3
Continuous Drain Current @ TA=70
°C, VGS=-10V
ID
-9.8
Pulsed Drain Current
IDM
-80 *1
Avalanche Current
IAS
-12.3
A
Avalanche Energy @ L=1mH, ID=-12.3A, VDD=-30V
EAS
75.6
Repetitive Avalanche Energy @ L=0.05mH
EAR
2.5 *2
mJ
TC=25℃
29
TC=100℃
12
TA=25℃
3.1 *3
Total Power Dissipation
TA=70℃
PD
1.9 *3
W
Operating Junction and Storage Temperature Range
Tj, Tstg
-55~+150
°C
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
Rth,j-c
4.2
°C/W
Thermal Resistance, Junction-to-ambient, max
Rth,j-a
40 *3
°C/W
Note : 1. Pulse width limited by maximum junction temperature
2. Duty cycle≤1%
3. Surface mounted on 1 in² copper pad of FR-4 board, t≤10s ; 125
°C/W when mounted on minimum copper pad.
Electrical Characteristics (Tj=25°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
-30
-
-
VGS=0V, ID=-250μA
VGS(th)
-1
-
-2.5
V
VDS=VGS, ID=-250μA
IGSS
-
-
±100
nA
VGS=±25V, VDS=0V
-
-
-1
VDS=-24V, VGS=0V
IDSS
-
-
-10
μA
VDS=-24V, VGS=0V, Tj=125
°C
-
11.7
15
VGS=-10V, ID=-10A
RDS(ON) *1
-
17.6
23
m
Ω
VGS=-5V, ID=-7A
GFS
*1
-
19
-
S
VDS=-5V, ID=-10A
Dynamic
Ciss
-
1552
-
Coss
-
188
-
Crss
-
170
-
pF
VDS=-15V, VGS=0V, f=1MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com