Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX550AC/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX550AC/D
Description  2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in 關MAX Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX550AC/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX550AC/D Datasheet HTML 6Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 7Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 8Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 9Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 10Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 11Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 12Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 13Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
+2.5V to +5.5V, Low-Power, Single/Dual,
8-Bit Voltage-Output DACs in µMAX Package
10
______________________________________________________________________________________
Table 2. MAX548A Serial-Interface Programming Commands (continued)
COMMANDS FOR POWERING DOWN
X
1
X
0
X
1
0
CONTROL BYTE
8-Bit DAC Data
X
Load DAC B input register and power down DAC
B. DAC A registers unchanged.
X
X
1
X
0
X
1
1
8-Bit DAC Data
X
Load both DAC input registers and power down
both DACs. Both DAC registers unchanged
X
X
1
X
1
0
1
0
8-Bit DAC Data
X
Load DAC B input register, power down DAC B,
and update both DAC registers. DAC A input
register unchanged.
X
X = Don’t care
X
1
X
1
0
0
1
8-Bit DAC Data
X
Load DAC A input register, power down DAC A,
and update both DAC registers. DAC B input
register unchanged.
X
X
1
X
0
X
0
1
8-Bit DAC Data
X
Load DAC A input register and power down DAC
A. DAC B registers unchanged.
X
X
1
X
1
0
1
1
8-Bit DAC Data
X
Load both DAC input registers, power down both
DACs, and update both DAC registers.
X
X
1
X
1
1
0
1
8-Bit DAC Data
0
Load DAC A input register, power down
DAC A, and update both DAC registers. DAC B
input register unchanged.
X
X
1
X
1
1
1
0
8-Bit DAC Data
0
Load DAC B input register, power down
DAC B, and update both DAC registers. DAC A
input register unchanged.
X
X
1
X
1
1
1
1
8-Bit DAC Data
0
Load both DAC input registers and power down
both DACs. Update both DAC registers.
X
X
1
X
1
1
0
1
8-Bit DAC Data
1
Load DAC A input register and power down DAC
A. While powered down, on LDAC’s falling edge,
update both DAC registers. DAC B input register
unchanged.
X
X
1
X
1
1
1
0
8-Bit DAC Data
1
Load DAC B input register and power down DAC
B. While powered down, on LDAC’s falling edge,
update both DAC registers. DAC A input register
unchanged.
X
X
1
X
1
1
1
1
8-Bit DAC Data
1
Load both DAC input registers and power down
both DACs. While powered down, on LDAC’s
falling edge, update both DAC registers.
X
COMMAND
(Commands executed on CS’s rising edge)
LDAC
DATA BYTE
Loaded Last
Loaded First
Pin 6
D7........D0
UB1
A0
A1
C0
C1
C2
UB3
UB2
COMMANDS POWERING DOWN AND LOADING INPUT REGISTER(S) ONLY
COMMANDS POWERING DOWN AND UPDATING DAC REGISTER(S)
COMMANDS POWERING DOWN AND UTILIZING THE ASYNCHRONOUS LOAD FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com