Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX5863E/D Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX5863E/D
Description  Ultra-Low-Power, High-Dynamic Performance, 7.5Msps Analog Front End
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5863E/D Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX5863E/D Datasheet HTML 17Page - Maxim Integrated Products MAX5863E/D Datasheet HTML 18Page - Maxim Integrated Products MAX5863E/D Datasheet HTML 19Page - Maxim Integrated Products MAX5863E/D Datasheet HTML 20Page - Maxim Integrated Products MAX5863E/D Datasheet HTML 21Page - Maxim Integrated Products MAX5863E/D Datasheet HTML 22Page - Maxim Integrated Products MAX5863E/D Datasheet HTML 23Page - Maxim Integrated Products MAX5863E/D Datasheet HTML 24Page - Maxim Integrated Products MAX5863E/D Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Ultra-Low-Power, High-Dynamic
Performance, 7.5Msps Analog Front End
______________________________________________________________________________________________________
21
Figure 10. ADC DC-Coupled Differential Drive
MAX5863
INA+
COM
INA-
RISO
22
Ω
RISO
22
Ω
R11
600
Ω
R9
600
Ω
R3
600
Ω
R2
600
Ω
R1
600
Ω
R10
600
Ω
R8
600
Ω
R5
600
Ω
R4
600
Ω
R7
600
Ω
R6
600
Ω
CIN
5pF
CIN
5pF
Figure 11. Typical Application Circuit for TDD mode
MAX2391
QUADRATURE
DEMODULATOR
ADC
10 BIT
ADC
MAX2395
QUADRATURE
TRANSMITTER
DAC
DAC
ADC
OUTPUT
MUX
DAC
INPUT
MUX
CLK
SERIAL BUS
MAX5863
T/R
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com