Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S8225A Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S8225A
Description  FOR 3-SERIAL TO 5-SERIAL CELL PACK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8225A Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S8225A Datasheet HTML 17Page - Seiko Instruments Inc S8225A Datasheet HTML 18Page - Seiko Instruments Inc S8225A Datasheet HTML 19Page - Seiko Instruments Inc S8225A Datasheet HTML 20Page - Seiko Instruments Inc S8225A Datasheet HTML 21Page - Seiko Instruments Inc S8225A Datasheet HTML 22Page - Seiko Instruments Inc S8225A Datasheet HTML 23Page - Seiko Instruments Inc S8225A Datasheet HTML 24Page - Seiko Instruments Inc S8225A Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.1.7_00
S-8225A Series
Seiko Instruments Inc.
21
Characteristics (Typical Data)
1. Detection voltage
1. 1 VCU vs. Ta
VCU = 4.225 V
1. 2 VCL vs. Ta
VCL = 4.125 V
4.250
4.200
4.220
4.230
4.240
4.210
−40 −25
25
50
75 85
Ta [
C]
0
4.180
4.060
4.140
4.100
−40 −25
25
50
75 85
Ta [
C]
0
1. 3 VDL vs. Ta
VDL = 2.30 V
1. 4 VDU vs. Ta
VDU = 2.50 V
2.38
2.22
2.30
2.34
2.26
−40 −25
25
50
75 85
Ta [
C]
0
2.60
2.40
2.50
2.55
2.45
−40 −25
25
50
75 85
Ta [
C]
0
2. Current consumption
2. 1 IOPE vs. Ta
VDD = 17.0 V
2. 2 IPDN vs. Ta
VDD = 8.0 V
20
0
10
15
5
−40 −25
25
50
75 85
Ta [
C]
0
4.0
0
2.0
3.0
1.0
−40 −25
25
50
75 85
Ta [
C]
0
2. 3 IOPE vs. VDD
Ta =
+25°C
50
40
0
20
30
10
0
515
20
25
30
VDD [V]
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com