Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5112MY/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5112MY/NOPB
Description  Tiny 7A MOSFET Gate Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5112MY/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM5112MY/NOPB Datasheet HTML 1Page - Texas Instruments LM5112MY/NOPB Datasheet HTML 2Page - Texas Instruments LM5112MY/NOPB Datasheet HTML 3Page - Texas Instruments LM5112MY/NOPB Datasheet HTML 4Page - Texas Instruments LM5112MY/NOPB Datasheet HTML 5Page - Texas Instruments LM5112MY/NOPB Datasheet HTML 6Page - Texas Instruments LM5112MY/NOPB Datasheet HTML 7Page - Texas Instruments LM5112MY/NOPB Datasheet HTML 8Page - Texas Instruments LM5112MY/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1
2
3
4
5
6
IN
OUT
IN_REF
INB
VCC
VEE
INB
VEE
IN
OUT
VCC
N/C
N/C
IN_REF
1
2
3
4
8
7
6
5
LM5112
SNVS234B – SEPTEMBER 2004 – REVISED APRIL 2006
www.ti.com
Pin Configurations
Figure 2. WSON-6
Figure 3. MSOP-PowerPAD-8
PIN DESCRIPTIONS
Pin
Name
Description
Application Information
WSON-6
MSOP-8
1
4
IN
Non-inverting input pin
TTL compatible thresholds. Pull up to VCC when not used.
2
3
VEE
Power ground for driver outputs
Connect to either power ground or a negative gate drive
supply for positive or negative voltage swing.
3
6
VCC
Positive Supply voltage input
Locally decouple to VEE. The decoupling capacitor should
be located close to the chip.
4
7
OUT
Gate drive output
Capable of sourcing 3A and sinking 7A. Voltage swing of
this output is from VEE to VCC.
5
1
IN_REF
Ground reference for control inputs
Connect to power ground (VEE) for standard positive only
output voltage swing. Connect to system logic ground when
VEE is connected to a negative gate drive supply.
6
2
INB
Inverting input pin
TTL compatible thresholds. Connect to IN_REF when not
used.
- - -
5, 8
N/C
Not internally connected
- - -
- - -
Exposed
Exposed Pad, underside of package
Internally bonded to the die substrate. Connect to VEE
Pad
ground pin for low thermal impedance.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2004–2006, Texas Instruments Incorporated
Product Folder Links: LM5112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com