Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S3515L-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # S3515L-S14-R
Description  PC POWER SUPPLY SUPERVISORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

S3515L-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  S3515L-S14-R Datasheet HTML 1Page - Unisonic Technologies S3515L-S14-R Datasheet HTML 2Page - Unisonic Technologies S3515L-S14-R Datasheet HTML 3Page - Unisonic Technologies S3515L-S14-R Datasheet HTML 4Page - Unisonic Technologies S3515L-S14-R Datasheet HTML 5Page - Unisonic Technologies S3515L-S14-R Datasheet HTML 6Page - Unisonic Technologies S3515L-S14-R Datasheet HTML 7Page - Unisonic Technologies S3515L-S14-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
S3515
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-073,B
BLOCK DIAGRAM
OV
+
-
UN
+
-
OV
+
-
UN
+
-
OV
+
-
UN
+
-
OV
+
-
UN
+
-
VREF
+
-
+
-
+
-
+
-
+
-
IS33
IS12
IS5
PGI
VS12B
VS12A
VS 5
VS33
PSON
FPO
PGO
VREF=1.15 V
Bandgap
Reference
IREF×8
V12A
V12A
V12A
IREF×8
IREF×8
V12A
PWR
38ms /115ms
debounce
RST
Power On Reset
Clr
2.4 ms
delay
Clr
75ms
delay
RST
R
SQ
73µs
debounce
RST
clr
300ms
delay
PWR
IREF=VREF/RI
+
-
VREF=1.15 V
RI
UN
73µs
debounce



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com