Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSD18536KCS Datasheet(PDF) 6 Page - Texas Instruments

Part # CSD18536KCS
Description  CSD18536KCS 60 V N-Channel NexFET Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD18536KCS Datasheet(HTML) 6 Page - Texas Instruments

Back Button CSD18536KCS_15 Datasheet HTML 2Page - Texas Instruments CSD18536KCS_15 Datasheet HTML 3Page - Texas Instruments CSD18536KCS_15 Datasheet HTML 4Page - Texas Instruments CSD18536KCS_15 Datasheet HTML 5Page - Texas Instruments CSD18536KCS_15 Datasheet HTML 6Page - Texas Instruments CSD18536KCS_15 Datasheet HTML 7Page - Texas Instruments CSD18536KCS_15 Datasheet HTML 8Page - Texas Instruments CSD18536KCS_15 Datasheet HTML 9Page - Texas Instruments CSD18536KCS_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TC - Case Temperature (°C)
-50
-25
0
25
50
75
100
125
150
175
200
0
25
50
75
100
125
150
175
200
225
D012
VDS - Drain-to-Source Voltage (V)
0.1
1
10
100
1000
0.1
1
10
100
1000
D010
DC
10 ms
1 ms
100 µs
TAV - Time in Avalanche (ms)
0.01
0.1
1
10
100
500
D011
TC = 25G C
TC = 125G C
CSD18536KCS
SLPS532 – MARCH 2015
www.ti.com
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
Single Pulse Max
RθJC = 0.4°C/W
Figure 11. Single Pulse Unclamped Inductive Switching
Figure 10. Maximum Safe Operating Area
Figure 12. Maximum Drain Current vs Temperature
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CSD18536KCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com