Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX6350ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6350ESA
Description  1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6350ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6350ESA Datasheet HTML 4Page - Maxim Integrated Products MAX6350ESA Datasheet HTML 5Page - Maxim Integrated Products MAX6350ESA Datasheet HTML 6Page - Maxim Integrated Products MAX6350ESA Datasheet HTML 7Page - Maxim Integrated Products MAX6350ESA Datasheet HTML 8Page - Maxim Integrated Products MAX6350ESA Datasheet HTML 9Page - Maxim Integrated Products MAX6350ESA Datasheet HTML 10Page - Maxim Integrated Products MAX6350ESA Datasheet HTML 11Page - Maxim Integrated Products MAX6350ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1ppm/°C, Low-Noise, +2.5V/+4.096V/+5V
Voltage References
_______________________________________________________________________________________
9
MAX6350
MAX865
IN
VCC
V+
V-
GND
C2-
C2+
C1-
C1+
+5V INPUT
+REFERENCE OUT
-REFERENCE OUT
OUT
TRIM
10k
R1
100k
R4
R2
100k
R3
1k
NR
2.2
µF
C1
3.3
µF
3.3
µF
2.2
µF
C2
1
µF
2.2
µF
0.1
µF
0.1
µF
C3
1
µF
C4
GND
MAX400
Figure 3. +5V and -5V References from a Single +5V Supply
_Ordering Information (continued)
___________________Chip Information
TRANSISTOR COUNT: 435
MAX6341CPA
MAX6341CSA
0°C to +70°C
0°C to +70°C
1.0
1.0
8 Plastic DIP
8 SO
MAX6341EPA
-40°C to +85°C
1.5
8 Plastic DIP
PART
TEMP. RANGE
MAX.
TEMPCO
(ppm/°C)
PIN-
PACKAGE
MAX6350ESA
-40°C to +85°C
1.5
8 SO
MAX6350MJA
-55°C to +125°C
2.5
8 CERDIP
MAX6341ESA
-40°C to +85°C
1.5
8 SO
MAX6341MJA
-55°C to +125°C
2.5
8 CERDIP
MAX6350CPA
0°C to +70°C
1.0
8 Plastic DIP
MAX6350CSA
0°C to +70°C
1.0
8 SO
MAX6350EPA
-40°C to +85°C
1.5
8 Plastic DIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com