Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSD19534KCS Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD19534KCS
Description  CSD19534KCS 100 V N-Channel NexFET Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD19534KCS Datasheet(HTML) 1 Page - Texas Instruments

  CSD19534KCS_15 Datasheet HTML 1Page - Texas Instruments CSD19534KCS_15 Datasheet HTML 2Page - Texas Instruments CSD19534KCS_15 Datasheet HTML 3Page - Texas Instruments CSD19534KCS_15 Datasheet HTML 4Page - Texas Instruments CSD19534KCS_15 Datasheet HTML 5Page - Texas Instruments CSD19534KCS_15 Datasheet HTML 6Page - Texas Instruments CSD19534KCS_15 Datasheet HTML 7Page - Texas Instruments CSD19534KCS_15 Datasheet HTML 8Page - Texas Instruments CSD19534KCS_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
VGS - Gate-to-Source Voltage (V)
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
25
30
35
40
45
D007
TC = 25°C, I D = 30 A
TC = 125°C, I D = 30 A
Qg - Gate Charge (nC)
0
2
4
6
8
10
12
14
16
18
0
2
4
6
8
10
D004
ID = 30 A
VDS = 50 V
Gate
(Pin 1)
Drain (Pin 2)
Source (Pin 3)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD19534KCS
SLPS530 – JANUARY 2015
CSD19534KCS 100 V N-Channel NexFET™ Power MOSFET
1 Features
Product Summary
1
•
Ultra-Low Qg and Qgd
TA = 25°C
TYPICAL VALUE
UNIT
•
Low Thermal Resistance
VDS
Drain-to-Source Voltage
100
V
•
Avalanche Rated
Qg
Gate Charge Total (10 V)
16.4
nC
Qgd
Gate Charge Gate-to-Drain
3.3
nC
•
Pb-Free Terminal Plating
VGS = 6 V
16.3
m
Ω
•
RoHS Compliant
RDS(on)
Drain-to-Source On-Resistance
VGS = 10 V
13.7
m
Ω
•
Halogen Free
VGS(th)
Threshold Voltage
2.8
V
•
TO-220 Plastic Package
Ordering Information(1)
2 Applications
Device
Package
Media
Qty
Ship
•
Secondary Side Synchronous Rectifier
CSD19534KCS
TO-220 Plastic Package
Tube
50
Tube
•
Motor Control
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
3 Description
Absolute Maximum Ratings
This 100 V, 13.7 m
Ω, TO-220 NexFET™ power
MOSFET is designed to minimize losses in power
TA = 25°C
VALUE
UNIT
conversion applications.
VDS
Drain-to-Source Voltage
100
V
VGS
Gate-to-Source Voltage
±20
V
SPACE
Continuous Drain Current (Package limited)
100
Continuous Drain Current (Silicon limited),
54
ID
TC = 25°C
A
Continuous Drain Current (Silicon limited),
38
TC = 100°C
IDM
Pulsed Drain Current (1)
138
A
PD
Power Dissipation
118
W
TJ,
Operating Junction and
–55 to 175
°C
Tstg
Storage Temperature Range
Avalanche Energy, single pulse
EAS
54
mJ
ID = 33 A, L = 0.1 mH, RG = 25 Ω
(1) Max RθJC = 1.3°C/W, pulse duration ≤100 μs, duty cycle ≤1%
.
RDS(on) vs VGS
Gate Charge
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD19534KCS_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19534KCS.B TI2-CSD19534KCS.B Datasheet
827Kb / 13P
CSD19534KCS 100V N-Channel NexFET™ Power MOSFET
REVISED DECEMBER 2024
More results

Similar Description - CSD19534KCS_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
100 V N-Channel NexFET Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
100 V N-Channel NexFET??Power MOSFET
CSD19533Q5A TI1-CSD19533Q5A Datasheet
1Mb / 13P
100 V N-Channel NexFET Power MOSFETs
CSD19533KCS TI1-CSD19533KCS Datasheet
768Kb / 10P
100 V N-Channel NexFET Power MOSFETs
CSD19535KCS TI1-CSD19535KCS Datasheet
804Kb / 10P
CSD19535KCS, 100 V N-Channel NexFET Power MOSFET
CSD19536KCS TI1-CSD19536KCS Datasheet
467Kb / 10P
CSD19536KCS, 100 V N-Channel NexFET Power MOSFET
CSD19536KTT TI-CSD19536KTT_15 Datasheet
852Kb / 14P
CSD19536KTT 100 V N-Channel NexFET Power MOSFET
CSD19537Q3 TI-CSD19537Q3_15 Datasheet
478Kb / 13P
CSD19537Q3 100 V N-Channel NexFET Power MOSFET
CSD19538Q3A TI1-CSD19538Q3A Datasheet
348Kb / 13P
100 V N-Channel NexFET Power MOSFET
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
40-V N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com