Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XUO Datasheet(PDF) 11 Page - Integrated Device Technology

Part # XUO
Description  Frequency range
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XUO Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button XUO Datasheet HTML 4Page - Integrated Device Technology XUO Datasheet HTML 5Page - Integrated Device Technology XUO Datasheet HTML 6Page - Integrated Device Technology XUO Datasheet HTML 7Page - Integrated Device Technology XUO Datasheet HTML 8Page - Integrated Device Technology XUO Datasheet HTML 9Page - Integrated Device Technology XUO Datasheet HTML 10Page - Integrated Device Technology XUO Datasheet HTML 11Page - Integrated Device Technology XUO Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
REVISION A 01/16/15
11
IDT XO HCSL CRYSTAL OSCILLATOR
XUO DATASHEET
Ordering Information
* See table or contact IDT for custom frequencies
Revision History
Rev.
Date
Originator
Description of Change
A
01/16/15
B. Chandhoke
Initial release.
XU O
5
3
5
FREQUENCY JS6
I
8
M = LVDS
O = HCSL
Q = LVPECL
1 = 1.8V
2 = 2.5V
3 = 3.3V
0 = 100ppm
5 = 50ppm
6 = 25ppm
8 = 20ppm
000.016~
670.000*
(in MHz)
JS6 =
5x3.2mm
JU6 =
7x5mm
X = -20 to +70°C
I = -40 to +85°C
Blank = Cut-Tape
8 = Tape & Reel
5 = 5x3.2mm
7 = 7x5mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com