Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS1201L-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UCS1201L-S08-R
Description  LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCS1201L-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UCS1201L-S08-R Datasheet HTML 1Page - Unisonic Technologies UCS1201L-S08-R Datasheet HTML 2Page - Unisonic Technologies UCS1201L-S08-R Datasheet HTML 3Page - Unisonic Technologies UCS1201L-S08-R Datasheet HTML 4Page - Unisonic Technologies UCS1201L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UCS1201
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R103-066.a
TYPICAL APPLICATION CIRCUIT
12V
D3
BAS20HT1
R1
470
Q3
MMBT3904LT1
D1
18V Zener
D2
BAV99LT1
C4
1.0µF
L1
+
C1
1000µF/16V
+
C2
1000µF/16V
C3
0.1µF
R3
Opition
U1
VCC
ROSC
NC
COMP
GND
VFB
GATE(H)
GATE(L)
C11
C10
4700pF
R6
5.11k
R5
3.32k
0.98V
UTC UCS1201
C9 0.01µF
Q1
UT60N03
Q2
UT110N03
4.7µH
+
1000µF*2
2.5V/10A
104
0.1µF
C11
0.1µF
BZX84C18V
L2
1.0µH
option
VCC
ROSC
NC
COMP
GND
VFB
GATE(H)
GATE(L)
0.1µF
UTC UCS1201
0.1µF
12V
1000pF
2.26k
10k
UT65N03
UT65N03
5V
1.4µH
33µF
56µF
1.2V/10A
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com