Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UIC811G-X-AE3-3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UIC811G-X-AE3-3-R
Description  MICROPROCESSOR RESET CIRCUITS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UIC811G-X-AE3-3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UIC811G-X-AE3-3-R Datasheet HTML 1Page - Unisonic Technologies UIC811G-X-AE3-3-R Datasheet HTML 2Page - Unisonic Technologies UIC811G-X-AE3-3-R Datasheet HTML 3Page - Unisonic Technologies UIC811G-X-AE3-3-R Datasheet HTML 4Page - Unisonic Technologies UIC811G-X-AE3-3-R Datasheet HTML 5Page - Unisonic Technologies UIC811G-X-AE3-3-R Datasheet HTML 6Page - Unisonic Technologies UIC811G-X-AE3-3-R Datasheet HTML 7Page - Unisonic Technologies UIC811G-X-AE3-3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UIC811
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-317.N
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-23
SOT-23-3
A : 2.63V
B : 2.93V
C : 3.08V
D: 4.00V
E: 4.38V
F: 5.00V
3
UX G
1
2
Voltage Code
Pin Code
SOT-143
SOT-343
PIN CONFIGURATION
SOT-143
SOT-343
SOT-23-3/SOT-23
AE2-2/AE3-2
AE2-3/AE3-3
PIN DESCRIPTION
PIN NAME
DESCRIPTION
GND
Ground
RESET
This pin will fall low after the VCC’s falling below the reset threshold voltage and it also can remain
asserted for at least 140ms min after VCC’s rising upon the reset threshold.
MR
Input of manual reset. A reset can be forced by a logic low on MR . As the MR is held low, the reset wil
remain asserted, and until the MR rise high, the reset will remain 140ms min at least. When it is float
that means it is unused. For SOT-143 and SOT-343 only.
VCC
Input of power supply.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com