Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB6010X Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MB6010X
Description  DC AXIAL FANS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MB6010X Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MB6010X Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
(60 x 60 x 10 mm)
2.36 x 2.36 x 0.39 inches
Construction:
UL94V-0 PBT impeller & frame
Bearing option: ball bearing
Connection:
AWG 26, UL1007 lead wires
Frame:
ribbed
Protection:
thermal
Options:
tachometer output or locked rotor
alarm signal
4.0
3.0
2.0
1.0
0
0.20
0.40
0.60
0.80
E
H
M
L
X
AIR FLOW (M3/MIN)
MB6010 series
THIN PROFILE
0.39 ±0.01
(10.2 ±0.3)
2.36 ±0.01
(60.0 ±0.3)
1.97 ±0.01
(50.0 ±0.3)
4x Ø 0.17 ±0.01
(Ø 4.3 ±0.3)
Model No.
Rated
Voltage
V
Operating
Voltage
V
Current
mA
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
M³/Min.
CFM
MM
INCH
MB6010L
12
6 - 13.8
50
2,700
0.27
9.35
1.07
0.04
19.0
26
MB6010M
12
6 - 13.8
80
3,200
0.31
11.04
1.43
0.06
22.5
26
MB6010H
12
6 - 13.8
120
3,900
0.38
13.48
1.98
0.08
28.0
26
MB6010E
12
6 - 13.8
140
4,400
0.43
15.30
2.43
0.10
30.5
26
MB6010X
12
6 - 13.8
160
5,300
0.53
18.65
3.22
0.13
35.0
26
12.15.14


Similar Part No. - MB6010X

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
MB6010X MECHATRONICS-MB6010X Datasheet
454Kb / 1P
UL94V-0 PBT impeller & frame
More results

Similar Description - MB6010X

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com