Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRS25751LPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRS25751LPBF
Description  High-Voltage Start-Up IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS25751LPBF Datasheet(HTML) 5 Page - International Rectifier

  IRS25751LPBF Datasheet HTML 1Page - International Rectifier IRS25751LPBF Datasheet HTML 2Page - International Rectifier IRS25751LPBF Datasheet HTML 3Page - International Rectifier IRS25751LPBF Datasheet HTML 4Page - International Rectifier IRS25751LPBF Datasheet HTML 5Page - International Rectifier IRS25751LPBF Datasheet HTML 6Page - International Rectifier IRS25751LPBF Datasheet HTML 7Page - International Rectifier IRS25751LPBF Datasheet HTML 8Page - International Rectifier IRS25751LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
IRS25751LPBF
5
www.irf.com
© 2014 International Rectifier
November 18, 2014
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM, all currents are defined positive into any pin. The thermal
resistance and power dissipation ratings are measured under board mounted and still air conditions.
Symbol
Definition
Min.
Max.
Units
VIN
VIN pin voltage
-0.3
625
V
VOUT
VOUT pin voltage
VCLAMP
†
VTH
VTH pin voltage
VOUT + 0.3
ENN
ENN pin voltage
R
Θja
Thermal resistance, junction to
ambient
5L-SOT-23
---
191
ºC/W
TJ
Junction temperature
-55
150
ºC
TS
Storage temperature
TL
IC Pin temperature (soldering, 10 seconds)
---
300
†
This IC contains voltage clamp structures between the VOUT and COM pins that has a nominal breakdown
voltage of 20.8V. Please note that this pin should not be driven by a DC, low impedance power source
greater than the VCLAMP specified in the Electrical Characteristics section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com