Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

88CXXG-AE5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 88CXXG-AE5-R
Description  BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

88CXXG-AE5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  88CXXG-AE5-R Datasheet HTML 1Page - Unisonic Technologies 88CXXG-AE5-R Datasheet HTML 2Page - Unisonic Technologies 88CXXG-AE5-R Datasheet HTML 3Page - Unisonic Technologies 88CXXG-AE5-R Datasheet HTML 4Page - Unisonic Technologies 88CXXG-AE5-R Datasheet HTML 5Page - Unisonic Technologies 88CXXG-AE5-R Datasheet HTML 6Page - Unisonic Technologies 88CXXG-AE5-R Datasheet HTML 7Page - Unisonic Technologies 88CXXG-AE5-R Datasheet HTML 8Page - Unisonic Technologies 88CXXG-AE5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
88CXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 12
www.unisonic.com.tw
QW-R502-040. K
ELECTRICAL CHARACTERISTICS(Cont.)
Detection voltage (4.0V ~ 5.4V)
PARAMETER
SYMBOL
TEST CONDITONS
MIN
TYP
MAX
UNIT
Detect Voltage
VDET
-VDET
×0.98
-VDET
-VDET
×1.02
V
Hysteresis Range
VHYS
-VDET
×0.02
-VDET
×0.05
-VDET
×0.08
V
Supply Current
ISS
VDD=6.0V
1.5
5.0
µA
Operating Voltage
VDD
0.95
10.0
V
Output Current
IOUT
N-CH VDS=0.5V
VDD=1.20V
0.23
0.50
mA
VDD=2.40V
1.60
3.70
mA
P-CH VDS=0.5V
VDD=6.0V
0.46
0.75
mA
Detect Voltage Temperature
Characteristics
VDET
TOPR×VDET
±100
ppm/°С
Delay Time
tDLY
VDD=7.0V, CD=4.7nF
12
17
34
ms
Detection voltage (5.5V ~ 6.0V)
PARAMETER
SYMBOL
TEST CONDITONS
MIN
TYP
MAX
UNIT
Detect Voltage
VDET
-VDET
×0.98
-VDET
-VDET
×1.02
V
Hysteresis Range
VHYS
-VDET
×0.02
-VDET
×0.05
-VDET
×0.08
V
Supply Current
ISS
VDD=7.5V
1.5
5.0
µA
Operating Voltage
VDD
12
V
Output Current
IOUT
N-CH VDS=0.5V
VDD=1.20V
0.23
0.50
mA
VDD=2.40V
1.60
3.70
mA
P-CH VDS=0.5V
VDD=4.8V
2.08
3.42
mA
Detect Voltage Temperature
Characteristics
VDET
TOPR×VDET
±100
ppm/°С
Delay Time
tDLY
VDD=7.5V, CD=4.7nF
12
17
34
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com