Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX6741XKT Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX6741XKT
Description  Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6741XKT Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6741XKT Datasheet HTML 8Page - Maxim Integrated Products MAX6741XKT Datasheet HTML 9Page - Maxim Integrated Products MAX6741XKT Datasheet HTML 10Page - Maxim Integrated Products MAX6741XKT Datasheet HTML 11Page - Maxim Integrated Products MAX6741XKT Datasheet HTML 12Page - Maxim Integrated Products MAX6741XKT Datasheet HTML 13Page - Maxim Integrated Products MAX6741XKT Datasheet HTML 14Page - Maxim Integrated Products MAX6741XKT Datasheet HTML 15Page - Maxim Integrated Products MAX6741XKT Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Low-Power Dual-/Triple-Voltage SC70 µP
Supervisory Circuits
______________________________________________________________________________________
13
Functional Diagram
VCC1
VCC2
RSTIN/PFI
VCC1
VCC1
VCC1
RESET
TIMEOUT
PERIOD
VCC2
POK1
RESET
RESET
OUTPUT
0.488V
1.23V
MR
PULLUP
MR
MAX6736–
MAX6745
PFO
DELAY
The MAX6741/MAX6744 offer a VCC1 POK (POK1) ideal
for VCC1-to-VCC2 sequencing. POK1 remains low as
long as VCC1 is below its VTH1 threshold. When VCC1
exceeds VTH1 for the POK1 timeout period (tPOKP), the
open-drain POK1 output is deasserted. The POK1 output
can then enable the VCC2 power supply (use an external
POK1 pullup resistor).
RESET is deasserted when both
VCC1 and VCC2 remain above their selected thresholds
for the reset timeout period (tRP). The POK1 output can
be used for I/O before core or core before I/O sequenc-
ing, depending on the selected VCC1/VCC2 thresholds.
See the Typical Application Circuit and Figure 1.
Monitoring a Negative Voltage
The power-fail comparator can be used to monitor a
negative supply voltage using the circuit shown in
Figure 4. When the negative supply is valid,
PFO is low.
When the negative supply voltage drops,
PFO goes
high. The circuit’s accuracy is affected by the PFI
threshold tolerance, VCC, R1, and R2.
Transient Immunity
The MAX6736–MAX6745 supervisors are relatively
immune to short-duration falling VCC transients (glitch-
es). It is usually undesirable to reset the µP when VCC
experiences only small glitches. The Typical Operating
Characteristics show Maximum VCC1/VCC2 Transient
Duration vs. Reset Threshold Overdrive, for which reset
pulses are not generated. The graph shows the maxi-
mum pulse width that a falling VCC transient might typi-
cally have without causing a reset pulse to be issued.
As the amplitude of the transient increases, the maxi-
mum allowable pulse width decreases. A 0.1µF bypass
capacitor mounted close to the VCC pin provides addi-
tional transient immunity.
Chip Information
TRANSISTOR COUNT: 249
PROCESS: BiCMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com