Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NKF110 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # NKF110
Description  FAST RECOVERY DIODE MODULES TYPE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKF110 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  NKF110 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKF110 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(1) Module Type
(2) for Fast Recovery diode
(3) D - For dual terminals
Blank - single terminal
A - For common anodes to base plate
(6) Blank - For common cathodes to base plate
(5) Voltage code ( code x 10 = VRRM )
(4) Maximum average forward current , A
Features
High Surge Capability
Dual Diode Consturction
Low Leakage Current
Low Forward Voltage
Types Up to 600V VRRM
Operating Temperature : -55 C to +150 C
Storage Temperature : -55 C to +150 C
Maximum Ratings
600 V
420 V
600 V
Maximum DC
Maximum
Blocking Voltage
RMS Voltage
Maximum Recurrent
Peak Reverse
Voltage
Part Number
NKF110 - 60(A)
Electrical Characteristics
Tc=100 C
8.3ms , half sine
Tj = 25 C
IFM = 110A
Tj = 125 C
Tj = 25 C
0.27 C/W
90 ns
IF = 0.5A , IR = 1.0A
IRR = 0.25A
10 uA
1000 uA
1.50 V
600 A
110 A
IF(AV)
IFSM
VF
IR
trr
Rthjc
T
T
57 Kg-cm
45 Kg-cm
Average Forward Current
( per leg )
Peak Forward Surge Current
( per leg )
Maximum Instantaneous
Forward Voltage
( per leg )
Maximum DC Reverse Current
at Rated DC Blocking Voltage
( per leg )
Maximum
( per leg )
Reverse Recovery Time
Maximum Thermal Resistance
Junction to Case ( per leg )
Maximum Terminal Torque
Maximum Mounting
Base Torque
Package : NKF
DIMENSIONS
DIM
MIN
MAX
MIN
MAX
NOTE
A
B
C
.595
E
F
G
H
1/4
.156
.725
1.560
.540
K
L
1.515
19.69
.625
.1.182
.152
1.192
.160
- 20
.495
.745
.580
.755
.160
.505
18.42
38.48
15.11
30.02
18.92
13.72
UNC
3.86
3.96
12.57
39.62
.775
15.88
30.28
19.18
14.73
4.061
- 2B
4.06
12.83
J
3.30
3.05
.130
.120
D
INCHES
MM
K
F
B
J
D
A
H
C
E
L
G
* Pulse Test : Pulse Width 300 usec , Duty Cycle 2 %
Baseplate
Common Cathode
Baseplate
A = Common Anode
Without Suffix " A "
for common Cathodes
to baseplate
With Suffix " A "
for common Anodes
to baseplate
SEMICONDUCTOR
RoHS
RoHS
NKF110-60(A)
FAST RECOVERY DIODE MODULES TYPE
(1)
(2)
(3)
(4)
Ordering code
(A)
60
110
F
NK
(5)
(6)


Similar Part No. - NKF110

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKF100-60 NELLSEMI-NKF100-60 Datasheet
1Mb / 6P
Ultrafast Soft Recovery Diode
More results

Similar Description - NKF110

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKF200 NELLSEMI-NKF200 Datasheet
101Kb / 2P
FAST RECOVERY DIODE MODULES TYPE
NKFD100 NELLSEMI-NKFD100 Datasheet
100Kb / 2P
FAST RECOVERY DIODE MODULES TYPE
NKFD400 NELLSEMI-NKFD400 Datasheet
321Kb / 1P
fast recovery diode modules type
logo
American Microsemicondu...
CD2406 AMMSEMI-CD2406 Datasheet
1Mb / 3P
CN* Fast Recovery Dual Diode Modules
CD2412 AMMSEMI-CD2412 Datasheet
1Mb / 3P
CN* Fast Recovery Dual Diode Modules
CD240650 AMMSEMI-CD240650 Datasheet
1Mb / 3P
CN* Fast Recovery Dual Diode Modules
CD241250 AMMSEMI-CD241250 Datasheet
1Mb / 3P
CN* Fast Recovery Dual Diode Modules
CN2412 AMMSEMI-CN2412 Datasheet
1Mb / 3P
CN* Fast Recovery Dual Diode Modules
CN240650 AMMSEMI-CN240650 Datasheet
1Mb / 3P
CN* Fast Recovery Dual Diode Modules
CN241250 AMMSEMI-CN241250 Datasheet
1Mb / 3P
CN* Fast Recovery Dual Diode Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com