Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX746C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX746C/D
Description  High-Efficiency, PWM, Step-Down, N-Channel DC-DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX746C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX746C/D Datasheet HTML 7Page - Maxim Integrated Products MAX746C/D Datasheet HTML 8Page - Maxim Integrated Products MAX746C/D Datasheet HTML 9Page - Maxim Integrated Products MAX746C/D Datasheet HTML 10Page - Maxim Integrated Products MAX746C/D Datasheet HTML 11Page - Maxim Integrated Products MAX746C/D Datasheet HTML 12Page - Maxim Integrated Products MAX746C/D Datasheet HTML 13Page - Maxim Integrated Products MAX746C/D Datasheet HTML 14Page - Maxim Integrated Products MAX746C/D Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
High-Efficiency, PWM, Step-Down,
N-Channel DC-DC Controller
______________________________________________________________________________________
11
__________________Design Procedure
Setting the Output Voltage
The MAX746’s dual-mode output voltage can be set
to 5V by grounding FB, or it can be adjusted from
2V to 14V using external resistors R4 and R5 config-
ured as shown in Figure 6. Select feedback resistor
R4 in the 10k
Ω to 60kΩ range. R5 is given by:
VOUT
R5 = (R4)
(_______ – 1)
2V
The MAX746 is designed to use either internal or exter-
nal feedback mode, but should not be toggled between
the two modes while operating. If two different output
voltages are required, use external feedback mode
with a resistor network similar to the 3.3V/5V adjustable
output circuit shown in Figure 7.
Selecting RSENSE
To select the sense-resistor value (RSENSE), first
approximate the peak current assuming IPK is
(1.1) (ILOAD), where ILOAD is the maximum load cur-
rent. Once all component values have been deter-
mined, the actual peak current is given by:
VOUT
VOUT
IPK = ILOAD +
(___________)(1– _______)
(2L) (fOSC)VIN
V+
CP
HIGH
D2
1N914
C8
0.1
µF
14
13
D3
1N914
C9
1
µF
C10
0.1
µF
D5
1N914
D6
1N914
15
16
D4
1N5817
C11
1
µF
VIN
CP
HIGH
14
13
16
V+
15
C8
0.1
µF
D2
1N914
D3
1N914
C9
1
µF
VIN
100kHz
OSCILLATOR
T FLIP-
FLOP
5V
Q
AV+
3b. CHARGE-PUMP
VOLTAGE TRIPLER
GND
GND
T
CLK
MAX746
MAX746
3a. CHARGE-PUMP
VOLTAGE DOUBLER
D4
1N5817
Figure 3. Charge-Pump Configurations
PEAK CURRENT LIMIT
vs. SOFT-START VOLTAGE
0
1
2
3
01
2
3
4
SOFT-START VOLTAGE (V)
RSENSE = 50mΩ
V+ - VCS = 150mV
RSENSE = 100mΩ
Figure 4. Peak Current Limit vs. Soft-Start Voltage
R2 = R1
-1
GND
V+
LBO
15
1
16
…TO VOUT OR VIN
VREF = 2.0V
R3
100k
(
)
VTRIP
VREF
2
R2
R1
LOW-BATTERY
OUTPUT
VIN
LBI
MAX746
Figure 5. Input Voltage Monitor Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com