Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC18S5X Datasheet(PDF) 77 Page - NXP Semiconductors

Part # LPC18S5X
Description  32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC18S5X Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button LPC18S5X_15 Datasheet HTML 73Page - NXP Semiconductors LPC18S5X_15 Datasheet HTML 74Page - NXP Semiconductors LPC18S5X_15 Datasheet HTML 75Page - NXP Semiconductors LPC18S5X_15 Datasheet HTML 76Page - NXP Semiconductors LPC18S5X_15 Datasheet HTML 77Page - NXP Semiconductors LPC18S5X_15 Datasheet HTML 78Page - NXP Semiconductors LPC18S5X_15 Datasheet HTML 79Page - NXP Semiconductors LPC18S5X_15 Datasheet HTML 80Page - NXP Semiconductors LPC18S5X_15 Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 152 page
background image
LPC18S5X_S3X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 24 February 2015
77 of 152
NXP Semiconductors
LPC18S5x/S3x
32-bit ARM Cortex-M3 microcontroller
• Capable of handling 8-bit, 16-bit, and 32-bit word sizes.
• Mono and stereo audio data supported.
• The sampling frequency can range from 16 kHz to 192 kHz (16, 22.05, 32, 44.1, 48,
96, 192) kHz.
• Support for an audio master clock.
• Configurable word select period in master mode (separately for I2S-bus input and
output).
• Two 8-word FIFO data buffers are provided, one for transmit and one for receive.
• Generates interrupt requests when buffer levels cross a programmable boundary.
• Two DMA requests, controlled by programmable buffer levels. The DMA requests are
connected to the GPDMA block.
• Controls include reset, stop and mute options separately for I2S-bus input and I2S-bus
output.
7.16.6 C_CAN
Remark: The LPC18S5x/S3x contain two C_CAN controllers.
Controller Area Network (CAN) is the definition of a high performance communication
protocol for serial data communication. The C_CAN controller is designed to provide a full
implementation of the CAN protocol according to the CAN Specification Version 2.0B. The
C_CAN controller can build powerful local networks with low-cost multiplex wiring by
supporting distributed real-time control with a high level of reliability.
7.16.6.1
Features
• Conforms to protocol version 2.0 parts A and B.
• Supports bit rate of up to 1 Mbit/s.
• Supports 32 Message Objects.
• Each Message Object has its own identifier mask.
• Provides programmable FIFO mode (concatenation of Message Objects).
• Provides maskable interrupts.
• Supports Disabled Automatic Retransmission (DAR) mode for time-triggered CAN
applications.
• Provides programmable loop-back mode for self-test operation.
7.17 Counter/timers and motor control
7.17.1 General purpose 32-bit timers/external event counter
Remark: The LPC18S5x/S3x include four 32-bit timer/counters.
The timer/counter is designed to count cycles of the system derived clock or an externally
supplied clock. It can optionally generate interrupts, generate timed DMA requests, or
perform other actions at specified timer values, based on four match registers. Each
timer/counter also includes two capture inputs to trap the timer value when an input signal
transitions, optionally generating an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com